| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP14KB bảng dữ liệu(PDF) 298 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP14KB bảng dữ liệu(HTML) 298 Page - NEC |
|
298 / 373 page ![]() CHAPTER 14 INSTRUCTION SET 280 LTI A, byte (Less Than Immediate) <1> Operation code : 00110111 Data <2> Number of bytes : 2 <3> Number of states : 7 (7) <4> Function : A–byte ; Skip if borrow. Subtracts the immediate data in the 2nd byte from the contents of the accumulator. Skips if a borrow is generated as a result of the subtraction (A<byte). <5> Flags affected : Z, SK, HC, L1 ← 0, L0 ← 0, CY LTI r, byte (Less Than Immediate) <1> Operation code : 01110100 00111R2 R1 R0 Data <2> Number of bytes : 3 <3> Number of states : 11 (11) <4> Function : r–byte; Skip if borrow. Subtracts the immediate data in the 3rd byte from the contents of the register r (V, A, B, C, D, E, H, L) specified by R2R1R0 (0 to 7). Skips if a borrow is generated as a result of the subtraction (r<byte). <5> Flags affected : Z, SK, HC, L1 ← 0, L0 ← 0, CY LTI sr2, byte (Less Than Immediate) <1> Operation code : 01100100 S3 0111S2 S1 S0 Data <2> Number of bytes : 3 <3> Number of states : 14 (11) <4> Function : sr2–byte; Skip if borrow. Subtracts the immediate data in the 3rd byte from the contents of the special register sr2 (PA, PB, PC, PD, PF, MKH, MKL, ANM, SMH, EOM, TMM) specified by S3S2S1S0 (0 to 3, 5 to 9, B, D). Skips if a borrow is generated as a result of the subtraction (sr2<byte). <5> Flags affected : Z, SK, HC, L1 ← 0, L0 ← 0, CY |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |