công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 247 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 247 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 243Page - NEC MPD78CP14KB Datasheet HTML 244Page - NEC MPD78CP14KB Datasheet HTML 245Page - NEC MPD78CP14KB Datasheet HTML 246Page - NEC MPD78CP14KB Datasheet HTML 247Page - NEC MPD78CP14KB Datasheet HTML 248Page - NEC MPD78CP14KB Datasheet HTML 249Page - NEC MPD78CP14KB Datasheet HTML 250Page - NEC MPD78CP14KB Datasheet HTML 251Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
229
Operation code
01000110
Data
14.4.9 Accumulator indirect addressing
This is a special example of register indirect addressing in which the contents of the memory addressed by PC
+ 3 + A are loaded into the C register, and the contents of the memory addressed by PC + 3 + A + 1 are loaded
into the B register.
Accumulator indirect addressing is used when the TABLE instruction is executed.
Example
1.
Assuming the accumulator contents to be 0 and the PC contents to be 100H, the operation is
as follows:
TABLE; C
← (103H), B ← (104H)
14.4.10 Immediate addressing
This addressing method has 1-byte operand data for manipulation in the operation code. Immediate addressing
is used when an instruction with the following operand format is executed.
Notation
Description Method
byte
Label, numeric value up to 8 bits
Example
1.
ADI A, byte
If 79H is used as "byte", the instruction is written as shown below.
ADI A, 79H; A
← A + 79H
The corresponding operation code is shown below.
Operation code
01000110
01111001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com