công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 243 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 243 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 239Page - NEC MPD78CP14KB Datasheet HTML 240Page - NEC MPD78CP14KB Datasheet HTML 241Page - NEC MPD78CP14KB Datasheet HTML 242Page - NEC MPD78CP14KB Datasheet HTML 243Page - NEC MPD78CP14KB Datasheet HTML 244Page - NEC MPD78CP14KB Datasheet HTML 245Page - NEC MPD78CP14KB Datasheet HTML 246Page - NEC MPD78CP14KB Datasheet HTML 247Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
225
14.4.5 Double auto-increment addressing
This is a special mode of register indirect addressing using the HL and DE register pairs, which is effective for
16-bit data transfers between the extended accumulator (EA) and memory. With double auto-increment addressing,
after the memory to be manipulated is addressed using the contents of the register pair specified by the addressing
specification code (C3C2C1C0) in the instruction as the operand address, the contents of that register pair are
automatically incremented by 2, thus preparing for the next addressing operation.
Double auto-increment addressing is used when an instruction with the following operand format is executed.
Notation
Description Method
rpa3
D++, H++
Example
1.
STEAX rpa3
Operation code
01001000
1001C3
C2
C1
C0
If the double auto-increment mode is selected for the HL register pair used as rpa3, the
instruction is written as shown below.
STEAX H++; (HL)
← EAL, (HL+1) ← EAH, HL ← HL+2
The corresponding operation code is shown below.
Operation code
01001000
10010101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com