công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 241 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 241 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 237Page - NEC MPD78CP14KB Datasheet HTML 238Page - NEC MPD78CP14KB Datasheet HTML 239Page - NEC MPD78CP14KB Datasheet HTML 240Page - NEC MPD78CP14KB Datasheet HTML 241Page - NEC MPD78CP14KB Datasheet HTML 242Page - NEC MPD78CP14KB Datasheet HTML 243Page - NEC MPD78CP14KB Datasheet HTML 244Page - NEC MPD78CP14KB Datasheet HTML 245Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
223
14.4.3 Auto-increment addressing
This is a special mode of register indirect addressing using the HL and DE register pairs, in which, after the memory
to be manipulated is addressed using the contents of the register pair specified by the addressing specification code
(A3A2A1A0) in the instruction as the operand address, the contents of that register pair are automatically incremented
by 1, thus preparing for the next addressing operation.
Auto-increment addressing is used when an instruction with the following operand formats is executed.
Notation
Description Method
rpa
D+, H+
rpa2
D+, H+
Examples 1.
STAX rpa2
Operation code
A3
0111A2
A1
A0
If the auto-increment mode is selected for the DE register pair used as rpa2, the instruction is
written as shown below.
STAX D+; (DE)
← A, DE ← DE + 1
The corresponding operation code is shown below.
Operation code
00111100
2. Execution of the BLOCK instruction
Although not specified by an operand, when the BLOCK instruction is executed, the HL register pair
is automatically selected as the source address register and the DE register pair as the destination
address register. After the data transfer from the source address to the destination address has been
performed, the HL and the DE register pairs are both automatically incremented by 1.
BLOCK ; (DE)
← (HL), DE ← DE + 1, HL ← HL + 1
3. Execution of a return instruction on POP instruction
Although not specified by an operand, when a return instruction or POP instruction which restores
data saved to the stack area is executed, auto-incrementing of the stack pointer (SP) is performed.
RET; PCL
← (SP), PCH ← (SP+1), SP ← SP + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com