công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 246 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 246 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 242Page - NEC MPD78CP14KB Datasheet HTML 243Page - NEC MPD78CP14KB Datasheet HTML 244Page - NEC MPD78CP14KB Datasheet HTML 245Page - NEC MPD78CP14KB Datasheet HTML 246Page - NEC MPD78CP14KB Datasheet HTML 247Page - NEC MPD78CP14KB Datasheet HTML 248Page - NEC MPD78CP14KB Datasheet HTML 249Page - NEC MPD78CP14KB Datasheet HTML 250Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
228
Operation code
00110
000
Offset
14.4.8 Working register addressing
With this addressing method, a working register in the memory area to be manipulated is selected with the working
register vector register (V) as the high-order 8 bits of the address and the 8-bit immediate data in the instruction as
the low-order 8 bits of the address. This kind of addressing combines register indirect addressing by the V register
and direct addressing by the immediate data wa.
Working register addressing is used when an instruction with the following operand format is executed.
Notation
Description Method
wa
Label, numeric value up to 8 bits
Example
1.
DCRW wa
If 77H is specified as wa, the instruction is written as shown below.
DCRW 77H
The corresponding operation code is shown below.
Operation code
00110000
01110111
If the contents of the V register are assumed to be 20H, the generated operand address will
be 2077H, and the contents of the working register in that address will be decremented by 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com