| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP14KB bảng dữ liệu(PDF) 251 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP14KB bảng dữ liệu(HTML) 251 Page - NEC |
|
251 / 373 page ![]() CHAPTER 14 INSTRUCTION SET 233 14.6 Instruction Descriptions 14.6.1 8-bit data transfer instructions MOV r1, A (Move A to Register) <1> Operation code : 00011T2 T1 T0 <2> Number of bytes : 1 <3> Number of states : 4 (4) <4> Function : r1 ← A Transfers the accumulator contents to register r1 (EAH, EAL, B, C, D, E, H, L) specified by T2T1T0 (0 to 7). When EAH is specified by r1 the contents are transferred to the high-order 8 bits of the extended accumulator, and when EAL is specified, to the low-order 8 bits. <5> Flags affected : SK ← 0, L1 ← 0, L0 ← 0 <6> Example : MOV B, A; Transfer A to B. MOV A, r1 (Move Register to A) <1> Operation code : 00001T2 T1 T0 <2> Number of bytes : 1 <3> Number of states : 4 (4) <4> Function : A ← r1 Transfers the contents of register r1 (EAH, EAL, B, C, D, E, H, L) specified by T2T1T0 (0 to 7) to the accumulator. When EAH is specified by r1 the contents of the high-order 8 bits of the extended accumulator are transferred to the accumulator, and when EAL is specified the low-order 8 bits of the extended accumulator are transferred. <5> Flags affected : SK ← 0, L1 ← 0, L0 ← 0 <6> Example : MOV A, C; Transfer C to A. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |