công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 194 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 194 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 190Page - NEC MPD78CP14KB Datasheet HTML 191Page - NEC MPD78CP14KB Datasheet HTML 192Page - NEC MPD78CP14KB Datasheet HTML 193Page - NEC MPD78CP14KB Datasheet HTML 194Page - NEC MPD78CP14KB Datasheet HTML 195Page - NEC MPD78CP14KB Datasheet HTML 196Page - NEC MPD78CP14KB Datasheet HTML 197Page - NEC MPD78CP14KB Datasheet HTML 198Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 373 page
background image
CHAPTER 10
CONTROL FUNCTIONS
176
Figure 10-5. SB Flag Operation
Notes
1. Execution of address 0 instruction
2. Execution of SKIT SB or SKNIT SB instruction
3. Execution of STOP instruction
(2) Release by NMI pin input
When the non-maskable interrupt request flag is set (i.e. when the NMI pin input changes from high to low)
in the software STOP mode, the software STOP mode is released and simultaneously clock oscillation starts.
When clock oscillation starts, the timer upcounter starts counting up from 00H in accordance with the setting
before execution of the STOP instruction. CPU operation is started by a match signal (wait time taking account
of the oscillation stabilization time) from the TIMER1 upcounter. In this case, the upcounter match signal
does not set the interrupt request flag. The timer mode register of the timer after generation of the match
signal is set to FFH and timer operation is stopped.
After the elapse of the oscillation stabilization time, the program jumps to the interrupt address (0004H)
irrespective of the interrupt enabled/disabled (EI/DI) state and without executing the instruction following the
STOP instruction.
Figure 10-6. Software STOP Mode Release Timing (NMI Signal Input)
VDD
RESET
SB flag
CPU
operation
Note 1
Note 2
Note 3
Note 1
Note 2
Software STOP
mode
NMI
INTFNMI
CPU
operation
OSC
TIMER1
match
signal
STOP
Wait (programmable)
Interrupt execution
Interrupt
routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com