công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 198 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 198 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 194Page - NEC MPD78CP14KB Datasheet HTML 195Page - NEC MPD78CP14KB Datasheet HTML 196Page - NEC MPD78CP14KB Datasheet HTML 197Page - NEC MPD78CP14KB Datasheet HTML 198Page - NEC MPD78CP14KB Datasheet HTML 199Page - NEC MPD78CP14KB Datasheet HTML 200Page - NEC MPD78CP14KB Datasheet HTML 201Page - NEC MPD78CP14KB Datasheet HTML 202Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 373 page
background image
CHAPTER 10
CONTROL FUNCTIONS
180
10.2 Reset Functions
When a low level signal is input to the RESET pin, a system reset is effected and initialization is performed as
shown below.
Table 10-3. Hardware States after Reset (1/2)
Hardware
State after Reset
Power-on reset
Previous contents retained
Write address data
Undefined
Data in other addresses
Previous contents retained
During non-write CPU operation
Extended accumulator (EA, EA')
Undefined
Accumulators (A, A')
General-purpose register (B, C, D, E, H, L, B', C', D', E', H', L')
Working register/vector register (V, V')
Program counter (PC)
0000H
Stack pointer (SP)
Undefined
Ports
Mode registers (MA, MB, MC, MF)
FFH
Mode control register (MMC)
00H
MM registers (MM0, 1, 2)
Port output latches
Undefined
Interrupts
Interrupt enable F/F
0
Request flags
Mask register
FFH
Test flags (except SB flag)
0
Standby flag (SB)
Power-on reset
1
In standby mode
Previous contents retained
Reset input during normal operation
Contents before RESET input
retained
Timer
Timer mode register (TMM)
FFH
Timer F/F
0
Timer registers (TM0, TM1)
Undefined
Timer/event counter
Timer/event counter mode register (ETMM)
00H
Timer/event counter output mode register (EOM)
Timer/event counter registers (ETM0, ETM1)
Undefined
Timer/event counter capture register (ECPT)
Timer/event counter (ECNT)
Serial interface
Serial mode high register (SMH)
00H
Serial mode low register (SML)
48H
Reset input
during normal
operation
During CPU
write operation
Internal data
memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com