công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 196 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 196 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 192Page - NEC MPD78CP14KB Datasheet HTML 193Page - NEC MPD78CP14KB Datasheet HTML 194Page - NEC MPD78CP14KB Datasheet HTML 195Page - NEC MPD78CP14KB Datasheet HTML 196Page - NEC MPD78CP14KB Datasheet HTML 197Page - NEC MPD78CP14KB Datasheet HTML 198Page - NEC MPD78CP14KB Datasheet HTML 199Page - NEC MPD78CP14KB Datasheet HTML 200Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 373 page
background image
CHAPTER 10
CONTROL FUNCTIONS
178
10.1.6 Hardware STOP mode release
When the STOP signal changes from the low to high level in the hardware STOP mode, the hardware STOP mode
is released and simultaneously clock oscillation starts. After the elapse of the wait time (approximately 65 ms at
12 MHz) which takes account of the oscillation stabilization time, the CPU starts program execution at address 0
(see Figure 10-7).
Figure 10-7. Hardware STOP Mode Release Timing (STOP Signal Input)
The hardware STOP mode is not released by a high-to-low transition of the RESET signal.
When the STOP signal changes from low to high while the RESET signal is low, the hardware STOP mode is
released and clock oscillation starts. If the RESET signal returns from the low to high level, the CPU starts program
execution at address 0 without waiting for the elapse of the oscillation stabilization time (see Figure 10-8).
If the RESET signal changes from the high to low level just after the hardware STOP mode has been released
(after the STOP signal has changed from the low to high level), program execution starts when the RESET signal
chnages from the low to high level (see Figure 10-9).
The oscillation stabilization time should therefore be taken into account when returning the RESET signal to the
high level.
After RESET signal input RAM contents are retained, but the contents of other registers are undefined.
Figure 10-8. Hardware STOP Mode Release Timing (RESET Signal Input)
STOP
CPU
operation
OSC
RESET
Instruction
execution
Execution of address 0
instruction
Wait
STOP
CPU
operation
OSC
Instruction
execution
Wait (approx. 65 ms/12 MHz)
Execution of
address 0
instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com