| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP14KB bảng dữ liệu(PDF) 192 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP14KB bảng dữ liệu(HTML) 192 Page - NEC |
|
192 / 373 page ![]() CHAPTER 10 CONTROL FUNCTIONS 174 10.1.3 Software STOP mode When the STOP instruction is executed, the software STOP mode is set unless the interrupt request flag for an unmasked external interrupt is set. In the software STOP mode, all clocks stop. When this mode is set, program execution stops and the contents of all registers, on-chip RAM and flags except FT0 and FT1 just before stoppage are retained (the timer upcounter is cleared to 00H). Only the NMI and RESET signals used to release the software STOP mode are valid, and all other functions stop. The statuses of the µPD78C18 output pins in the software STOP mode are the same as for the HALT mode, as shown in Table 10-2. Table 10-2. Output Pin Statuses Output Pin Single ChipNote 1 External Expansion PA7 to PA0 Data retained Data retained PB7 to PB0 Data retained Data retained PC7 to PC0 Data retained Data retained PD7 to PD0 Data retained High-impedance PF7 to PF0 Data retained Next address retainedNote 2 Data retainedNote 3 WR, RD High-level High-level ALE High-level High-level Notes 1. µPD78C18/78C14/78C14A/78C12A/78C11A/78CP18/78CP14 2. Address output pin 3. Port data output pin Cautions 1. Internal interrupts should be masked before executing the STOP instruction to prevent errors due to an internal interrupt with the oscillation stabilization time upon release of the software STOP mode. 2. The TIMER1 coincidence signal is used as the signal to start CPU operation to secure an oscillation stabilization period after the software STOP mode has been released by setting the non-maskable interrupt request flag. Thus, it is necessary to set a count value in timer REG which takes account of the oscillation stabilization time, and to set the timer mode register to the timer operating state, before executing the STOP instruction. 3. Crystal oscillation or ceramic oscillation should be used when using the software STOP mode. The software STOP mode must not be used when an external clock is input. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |