công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 190 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 190 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 186Page - NEC MPD78CP14KB Datasheet HTML 187Page - NEC MPD78CP14KB Datasheet HTML 188Page - NEC MPD78CP14KB Datasheet HTML 189Page - NEC MPD78CP14KB Datasheet HTML 190Page - NEC MPD78CP14KB Datasheet HTML 191Page - NEC MPD78CP14KB Datasheet HTML 192Page - NEC MPD78CP14KB Datasheet HTML 193Page - NEC MPD78CP14KB Datasheet HTML 194Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 373 page
background image
CHAPTER 10
CONTROL FUNCTIONS
172
10.1.2 HALT mode release
(1) Release by RESET signal
When the RESET signal changes from the high to low level in the HALT mode, the HALT mode is released
and the reset state is set. When the RESET signal returns to the high level, the CPU starts program execution
at address 0.
When the RESET signal is input, the RAM contents are retained but the contents of other registers are
indeterminate.
Figure 10-1. HALT Mode Release Timing (RESET Signal Input)
CPU
CSC
RESET
HLT
Execution of address 0
instruction
(2) Release by interrupt request flag
The HALT mode is released if at least one interrupt request flag is set by the generation of a non-maskable
interrupt (NMI) or one of ten unmasked maskable interrupts (INTT0, INTT1, INT1, INT2, INTE0, INTE1, INTEIN,
INTAD, INTST and INTSR).
When the HALT mode is released by a non-maskable interrupt, the instruction following the HLT instruction
is not executed and the program jumps to the interrupt address (0004H) irrespective of the interrupt enabled/
disabled (EI/DI) state.
When the HALT mode is released by a maskable interrupt, operation after release differs depending on
whether the EI or DI state is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com