công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 189 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 189 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 185Page - NEC MPD78CP14KB Datasheet HTML 186Page - NEC MPD78CP14KB Datasheet HTML 187Page - NEC MPD78CP14KB Datasheet HTML 188Page - NEC MPD78CP14KB Datasheet HTML 189Page - NEC MPD78CP14KB Datasheet HTML 190Page - NEC MPD78CP14KB Datasheet HTML 191Page - NEC MPD78CP14KB Datasheet HTML 192Page - NEC MPD78CP14KB Datasheet HTML 193Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 373 page
background image
CHAPTER 10 CONTROL FUNCTIONS
10.1 Standby Functions
Three standby modes are available for the
µPD78C18 to save power consumption in the program standby state:
The HALT mode, software STOP mode, and hardware STOP mode.
10.1.1 HALT mode
When the HLT instruction is executed, the HALT mode is set unless the interrupt request flag of the unmasked
interrupt is set. In the HALT mode the CPU clock stops and program execution also stops. However, the contents
of all registers and on-chip RAM just before the stoppage are retained. In the HALT mode, the timer, timer/event
counter, serial interface, A/D converter and interrupt control circuit are operational. Table 10-1 shows the status of
the
µPD78C18 output pins in the HALT mode.
Table 10-1. Output Pin Statuses
Output Pin
Single ChipNote 1
External Expansion
PA7 to PA0
Data retained
Data retained
PB7 to PB0
Data retained
Data retained
PC7 to PC0
Data retained
Data retained
PD7 to PD0
Data retained
High-impedance
PF7 to PF0
Data retained
Next address retainedNote 2
Data retainedNote 3
WR, RD
High-level
High-level
ALE
High-level
High-level
Notes 1.
µPD78C18/78C14/78C14A/78C12A/78C11A/78CP18/78CP14
2.
Address output pin
3.
Port data output pin
Cautions 1. Because an interrupt request flag is used to release the HALT mode, HLT instruction
execution does not set the HALT mode if even a single interrupt request flag for an unmasked
interrupt is set. Thus, when setting the HALT mode when there is a possibility that an
interrupt request flag may have been set (when there is a pending interrupt), one of the
following procedures should be followed: First process the pending interrupt; or, reset the
interrupt request flag by executing a skip instruction; or, mask all interrupts except those
used to release the HALT mode.
2. This function is valid when pins PC7 to PC0 are in the control signal input/output mode.
Therefore, TO output and serial transmission/reception is enabled in the HALT mode.
171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com