công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 187 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 187 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 183Page - NEC MPD78CP14KB Datasheet HTML 184Page - NEC MPD78CP14KB Datasheet HTML 185Page - NEC MPD78CP14KB Datasheet HTML 186Page - NEC MPD78CP14KB Datasheet HTML 187Page - NEC MPD78CP14KB Datasheet HTML 188Page - NEC MPD78CP14KB Datasheet HTML 189Page - NEC MPD78CP14KB Datasheet HTML 190Page - NEC MPD78CP14KB Datasheet HTML 191Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 373 page
background image
CHAPTER 9
INTERRUPT CONTROL FUNCTIONS
169
9.7 Multiple Interrupts
When the EI instruction is executed all external and internal interrupt requests are enabled even when an interrupt
service routine is being executed. Therefore, when the EI instruction is executed during execution of an interrupt
service routine, acknowledgement is enabled even for that interrupt request itself or interrupt requests of lower
priority. In this case too, if multiple interrupt requests are generated simultaneously, the highest-priority request
is acknowledged and the lower-priority requests are held pending. The pending interrupt requests are acknowledged
when the EI state is subsequently entered, if no other interrupt requests of higher priority have been generated.
Since there are practically no restrictions on the stack area used when an interrupt is generated as long as the
memory size is sufficient, multiple interrupt levels can also be used without restriction (see Figure 9-8).
Figure 9-8. 3-Level Multiple Interrupts
Remark
If masking is released by the mask register for two interrupt sources of the same priority, which of the
two interrupt requests is concerned must be determined before executing the EI instruction at the start
of the interrupt service routine.
EI
INT1
INTT0
EI
(0010H)
(0008H)
EI
INTE0
RETI
EI RETI
(0018H)
EI
ORI MKH, 02H
INTSR
Not acknowledged
ANI MKH, 0FDH
RETI
EI
RETI
(0028H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com