công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNLS059E bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện SNLS059E
Giải thích chi tiết về linh kiện  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 7Page - Texas Instruments SNLS059E Datasheet HTML 8Page - Texas Instruments SNLS059E Datasheet HTML 9Page - Texas Instruments SNLS059E Datasheet HTML 10Page - Texas Instruments SNLS059E Datasheet HTML 11Page - Texas Instruments SNLS059E Datasheet HTML 12Page - Texas Instruments SNLS059E Datasheet HTML 13Page - Texas Instruments SNLS059E Datasheet HTML 14Page - Texas Instruments SNLS059E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
10
www.national.com
2.0 Pin Description (Continued)
Note: DP83815 supports FM93C46 for the EEPROM device.
Clock Interface
Symbol
LQFP Pin
No(s)
LBGA Pin
No(s)
Dir
Description
X1
17
D8
I
Crystal/Oscillator Input: This pin is the primary clock reference
input for the DP83815 and must be connected to a 25 MHz 0.005%
(50ppm) clock source. The DP83815 device supports either an
external crystal resonator connected across pins X1 and X2, or an
external CMOS-level oscillator source connected to pin X1 only.
X2
18
C7
O
Crystal Output: This pin is used in conjunction with the X1 pin to
connect to an external 25 MHz crystal resonator device. This pin
must be left unconnected if an external CMOS oscillator clock source
is utilized. For more information see the definition for pin X1.
LED Interface
Symbol
LQFP Pin
No(s)
LBGA Pin
No(s)
Dir
Description
LEDACTN/MA0
142
C14
O
TX/RX Activity: This pin is an output indicating transmit/receive
activity. This pin is driven low to indicate active transmission or
reception, and can be used to drive a low current LED (<6 mA). The
activity event is stretched to a min duration of approximately 50 ms.
LED100N/MA2
144
C13
O
100 Mb/s Link: This pin is an output indicating the 100 Mb/s Link
status. This pin is driven low to indicate Good Link status for 100
Mb/s operation, and can be used to drive a low current LED (<6 mA).
LED10N/MA1
143
C12
O
10 Mb/s Link: This pin is an output indicating the 10 Mb/s Link
status. This pin is driven low to indicate Good Link status for 10 Mb/s
operation, and can be used to drive a low current LED (<6 mA).
Serial EEPROM Interface
Symbol
LQFP Pin
No(s)
LBGA Pin
No(s)
Dir
Description
EESEL
128
G14
O
EEPROM Chip Select: This signal is used to enable an external
EEPROM device.
EECLK/MA4
2
A12
O
EEPROM Clock: During an EEPROM access (EESEL asserted),
this pin is an output used to drive the serial clock to an external
EEPROM device.
EEDI/MA3
1
B12
O
EEPROM Data In: During an EEPROM access (EESEL asserted),
this pin is an output used to drive opcode, address, and data to an
external serial EEPROM device.
EEDO/MD4
138
E11
I
EEPROM Data Out: During an EEPROM access (EESEL asserted),
this pin is an input used to retrieve EEPROM serial read data.
This pin has an internal weak pull up.
MD1/CFGDISN
133
F13
I/O
Configuration Disable: When pulled low at power-on time, disables
load of configuration data from the EEPROM. Use 1 K
Ω to ground to
disable configuration load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com