công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNLS059E bảng dữ liệu(PDF) 37 Page - Texas Instruments

tên linh kiện SNLS059E
Giải thích chi tiết về linh kiện  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E bảng dữ liệu(HTML) 37 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 33Page - Texas Instruments SNLS059E Datasheet HTML 34Page - Texas Instruments SNLS059E Datasheet HTML 35Page - Texas Instruments SNLS059E Datasheet HTML 36Page - Texas Instruments SNLS059E Datasheet HTML 37Page - Texas Instruments SNLS059E Datasheet HTML 38Page - Texas Instruments SNLS059E Datasheet HTML 39Page - Texas Instruments SNLS059E Datasheet HTML 40Page - Texas Instruments SNLS059E Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 110 page
background image
36
www.national.com
4.0 Register Set (Continued)
4.1.6 Configuration Memory Address Register
This register specifies the Base Memory address which is required to build an address map during configuration. It also
specifies the number of bytes required as well as an indication that it can be mapped into memory space.
4.1.7 Configuration Subsystem Identification Register
The CFGSID allows system software to distinguish between different subsystems based on the same PCI silicon. The
values in this register can be loaded from the EEPROM if configuration is enabled.
Tag: CFGMA
Size: 32 bits
Hard Reset: 00000000h
Offset: 14h
Access: Read Write
Soft Reset: unchanged
Bit
Bit Name
Description
31-12
MEMBASE
Memory Base Address
This is set by software to the base address for the Operational Register Map.
11-4
MEMSIZE
Memory Size
These bits return 0, which indicates that the DP83815 requires 4096 bytes of Memory Space (the
minimum recommended allocation).
3
MEMPF
Prefetchable
Set to 0 by DP83815. Read Only.
2-1
MEMLOC
Location Selection
Set to 00 by DP83815. This indicates that the base register is 32-bits wide and can be placed anywhere
in the 32-bit memory space. Read Only.
0
MEMIND
Memory Space Indicator
Set to 0 by DP83815 to indicate that DP83815 is capable of being mapped into memory space. Read
Only.
Tag: CFGSID
Size: 32 bits
Hard Reset: 00000000h
Offset: 2Ch
Access: Read Only
Soft Reset: unchanged
Bit
Bit Name
Description
31-16
SDEVID
Subsystem Device ID
Set to 0 by DP83815.
15-0
SVENID
Subsystem Vendor ID
Set to 0 by DP83815.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com