công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNLS059E bảng dữ liệu(PDF) 84 Page - Texas Instruments

tên linh kiện SNLS059E
Giải thích chi tiết về linh kiện  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E bảng dữ liệu(HTML) 84 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 80Page - Texas Instruments SNLS059E Datasheet HTML 81Page - Texas Instruments SNLS059E Datasheet HTML 82Page - Texas Instruments SNLS059E Datasheet HTML 83Page - Texas Instruments SNLS059E Datasheet HTML 84Page - Texas Instruments SNLS059E Datasheet HTML 85Page - Texas Instruments SNLS059E Datasheet HTML 86Page - Texas Instruments SNLS059E Datasheet HTML 87Page - Texas Instruments SNLS059E Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 110 page
background image
5.0 Buffer Management (Continued)
Subject to change without notice.
83
Rev O www.national.com
5.2 Transmit Architecture
The following figure illustrates the transmit architecture of the DP83815 10/100 Ethernet Controller.
Figure 5-4 Transmit Architecture
When the CR:TXE bit is set to 1 (regardless of the current state), and the DP83815 transmitter is idle, then DP83815 will
read the contents of the current transmit descriptor into the TxDescCache. The DP83815’s TxDescCache can hold a
single fragment pointer/count combination.
5.2.1 Transmit State Machine
The transmit state machine has the following states:
The transmit state machine manipulates the following internal data spaces:
Inputs to the transmit state machine include the following events:
Transmit Descriptor
Current Tx Desc Ptr
Software/Memory
Hardware
Tx Data FIFO
link
cmdsts
ptr
ptr
Tx DMA
cmdsts
Packet
TxHead
link
Tx Desc Cache
txIdle
The transmit state machine is idle.
txDescRefr
Waiting for the "refresh" transfer of the link field of a completed descriptor from the PCI bus.
txDescRead
Waiting for the transfer of a complete descriptor from the PCI bus into the
TxDescriptorCache.
txFifoBlock
Waiting for free space in the TxDataFIFO to reach TxFillThreshold.
txFragRead
Waiting for the transfer of a fragment (or portion of a fragment) from the PCI bus to the
TxDataFIFO.
txDescWrite
Waiting for the completion of the write of the cmdsts field of an intermediate transmit
descriptor (cmdsts.MORE == 1) to host memory.
txAdvance
(transitory state) Examine the link field of the current descriptor and advance to the next
descriptor if link is not NULL.
TXDP
A 32-bit register that points to the current transmit descriptor.
CTDD
An internal bit flag that is set when the current transmit descriptor has been completed, and
ownership has been returned to the driver. It is cleared whenever TXDP is loaded with a
new value (either by the state machine, or the driver).
TxDescCache
An internal data space equal to the size of the maximum transmit descriptor supported.
descCnt
Count of bytes remaining in the current descriptor.
fragPtr
Pointer to the next unread byte in the current fragment.
txFifoCnt
Current amount of data in the txDataFifo in bytes.
txFifoAvail
Current amount of free space in the txDataFifo in bytes (size of the txDataFifo - txFifoCnt).
CR:TXE
Driver asserts the TXE bit in the command register (similar to SONIC).
XferDone
Completion of a PCI bus transfer request.
FifoAvail
TxFifoAvail is greater than TxFillThreshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com