công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNLS059E bảng dữ liệu(PDF) 93 Page - Texas Instruments

tên linh kiện SNLS059E
Giải thích chi tiết về linh kiện  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E bảng dữ liệu(HTML) 93 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 89Page - Texas Instruments SNLS059E Datasheet HTML 90Page - Texas Instruments SNLS059E Datasheet HTML 91Page - Texas Instruments SNLS059E Datasheet HTML 92Page - Texas Instruments SNLS059E Datasheet HTML 93Page - Texas Instruments SNLS059E Datasheet HTML 94Page - Texas Instruments SNLS059E Datasheet HTML 95Page - Texas Instruments SNLS059E Datasheet HTML 96Page - Texas Instruments SNLS059E Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 110 page
background image
92
www.national.com
Absolute Maximum Ratings
Supply Voltage (VDD)
3.3 V PCI signaling, 5.0 V tolerant
-0.5 V to 3.6 V
DC Input Voltage (VIN)
-0.5 V to 7.0 V
DC Output Voltage (VOUT)
-0.5 V to VDD + 0.5 V
Storage Temperature Range (TSTG)
-65 °C to 150 °C
Power Dissipation (PD)
743 mW
Body Temp. (TB) (Soldering, 10 sec)
220 °C
ESD Rating
(RZAP = 1.5kΩ, CZAP = 120 pF)
2.0 KV
For LQFP Package:
θja (@0 cfm, 1 Watt)
44.5 °C/W
θjc (@1 Watt)
9.5 °C/W
Recommended Operating Conditions
Note: Absolute maximum ratings are values beyond which
operation is not recommended or guaranteed. Extended
exposure beyond these limits may affect device reliability.
They are not meant to imply that the device should be
operated at these limits.
For LBGA Package:
θja (@0 cfm, 1 Watt)
45 °C/W
Supply voltage (VDD)
3.3 Volts + 0.3V
Ambient Temperature (TA)
0 to 70 °C
Max. Junction Temperature
150 °C
Max. Case Temperature
95 °C
7.0 DC and AC Specifications
7.1 DC Specifications
TA = 0
oC to 70oC, V
DD = 3.3 V ±0.3V, unless otherwise specified
Note1: IDD for WOL Standby Typ: typical is measured using a wake enabled D3Hot state. IDD for WOL Standby Max: maximum is measured using a wake
enabled D1 state.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
Minimum High Level Output Voltage IOH = -6 mA
2.4
V
VOL
Maximum Low Level Output Voltage IOL = 6 mA,
IOL = 4 mA for LEDxxx,
PMEN/CLKRUNN
0.4
V
VIH
Minimum High Level Input Voltage
Nominal VDD
2.0
V
VIL
Maximum Low Level Input Voltage
0.8
V
IIN
Input Current
VIN = VDD or GND
-10
10
µA
IOZ
TRI-STATE Output Leakage Current VOUT = VDD or GND
-10
10
µA
IDD
Operating Supply Current
IOUT = 0 mA, FREQ = FMAX
170
225
mA
WOL standby
See note1 below.
115
200
mA
Sleep mode
10
20
mA
RINdiff
Differential Input Resistance
RD
+/−
1.1
k
Ω
VTPTD_100 100 Mb/s Transmit Voltage
TD
+/−
0.95
1
1.05
V
VTPTDsym 100 Mb/s Transmit Voltage
Symmetry
TD
+/−
±2%
VTPTD_10 10 Mb/s Transmit Voltage
TD
+/−
2.2
2.5
2.8
V
CIN
CMOS Input Capacitance
8
pF
COUT
CMOS Output Capacitance
8
pF
SDTHon
100BASE-TX Signal detect turn-on
threshold
RD
+/−
1000
mV diff
pk-pk
SDTHoff
100BASE-TX Signal detect turn-off
threshold
RD
+/−
200
mV diff
pk-pk
VTH1
10BASE-T Receive Threshold
RD
+/−
300
585
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com