công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNLS059E bảng dữ liệu(PDF) 40 Page - Texas Instruments

tên linh kiện SNLS059E
Giải thích chi tiết về linh kiện  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E bảng dữ liệu(HTML) 40 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 36Page - Texas Instruments SNLS059E Datasheet HTML 37Page - Texas Instruments SNLS059E Datasheet HTML 38Page - Texas Instruments SNLS059E Datasheet HTML 39Page - Texas Instruments SNLS059E Datasheet HTML 40Page - Texas Instruments SNLS059E Datasheet HTML 41Page - Texas Instruments SNLS059E Datasheet HTML 42Page - Texas Instruments SNLS059E Datasheet HTML 43Page - Texas Instruments SNLS059E Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 110 page
background image
39
www.national.com
4.0 Register Set (Continued)
4.1.12 Power Management Control and Status Register
This register contains PM control and status information.
Bit
Bit Name
Description
24-22
AUX_CURRENT Aux_Current
This 3 bit field reports the 3.3Vaux auxiliary current requirements for the PCI function.
If PMEN generation from D3cold is not supported by the function(PMCAP[31]), this field returns a
value of "000b" when read.
Bit
3.3Vaux
24 23 22
Max. Current Required
1 1 0
320 mA
0 0 0
0 (self powered)
21
DSI
Device Specific Initialization
This bit is set to 1 to indicate to the system that initialization of the DP83815 device is required
(beyond the standard PCI configuration header) before the generic class device driver is able to use
it. A 1 indicates that DP83815 requires a DSI sequence following transition to the D0 uninitialized
state. This bit can be loaded from the EEPROM.
20
Reserved
(reads return 0)
19
PMEC
PME Clock
Returns 0 to indicate PCI clock not needed for PMEN.
18-16
PMV
Power Management Version
This bit field indicates compliance to a specific PM specification rev level. Currently set to 010b.
15-8
NLIPTR
Next List Item Pointer
Offset into PCI configuration space for the location of the next item in the Capabilities Linked List.
Returns 00h as no other capabilities are offered.
7-0
CAPID
Capability ID
Always returns 01h for Power Management ID.
Tag: PMCSR
Size: 32 bits
Hard Reset: 00000000h
Offset: 44h
Access: Read Write
Soft Reset: unchanged
Bit
Bit Name
Description
31-24
Reserved
(reads return 0)
23-16
BSE
Bridge Support Extensions
unused (reads return 0)
15
PMESTS
PME Status
Sticky bit which represents the state of the PME logic, regardless of the state of the PMEEN bit.
14-9
Reserved
(reads return 0)
8
PMEEN
PME Enable
When set to 1, this bit enables the assertion of the PME function on the PMEN pin. When 0, the PMEN
pin is forced to be inactive. This value can be loaded from the EEPROM.
7-2
Unused
(reads return 0)
1-0
PSTATE
Power State
This 2 bit field is used to determine the current power state of DP83815, and to set a new power state.
00 - D0
10 - D2
01 - D1
11 - D3hot/cold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com