công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNLS059E bảng dữ liệu(PDF) 51 Page - Texas Instruments

tên linh kiện SNLS059E
Giải thích chi tiết về linh kiện  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E bảng dữ liệu(HTML) 51 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 47Page - Texas Instruments SNLS059E Datasheet HTML 48Page - Texas Instruments SNLS059E Datasheet HTML 49Page - Texas Instruments SNLS059E Datasheet HTML 50Page - Texas Instruments SNLS059E Datasheet HTML 51Page - Texas Instruments SNLS059E Datasheet HTML 52Page - Texas Instruments SNLS059E Datasheet HTML 53Page - Texas Instruments SNLS059E Datasheet HTML 54Page - Texas Instruments SNLS059E Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 110 page
background image
50
www.national.com
4.0 Register Set (Continued)
4.2.10 Transmit Configuration Register
This register defines the Transmit Configuration for DP83815. It controls such functions as Loopback, Heartbeat, Auto
Transmit Padding, programmable Interframe Gap, Fill & Drain Thresholds, and maximum DMA burst size.
Tag: TXCFG
Size: 32 bits
Hard Reset: 00000102h
Offset: 0024h
Access: Read Write
Soft Reset: 00000102h
Bit
Bit Name
Description
31
CSI
Carrier Sense Ignore
Setting this bit to 1 causes the transmitter to ignore carrier sense activity, which inhibits reporting of CRS
status to the transmit status register. When this bit is 0 (default), the transmitter will monitor the CRS
signal during transmission and reflect valid status in the transmit status register and MIB counter block.
This bit must be set to enable full-duplex operation.
30
HBI
HeartBeat Ignore
Setting this bit to 1 causes the transmitter to ignore the heartbeat (CD) pulse which follows the packet
transmission and inhibits logging of TXSQEErrors in the MIB counter block. When this bit is set to 0
(default), the transmitter will monitor the heartbeat pulse and log TXSQEErrors to the MIB counter block.
This bit must be set to enable full-duplex operation
29
MLB
MAC Loopback
Setting this bit to a 1 places the DP83815 MAC into a loopback state which routes all transmit traffic to
the receiver, and disables the transmit and receive interfaces of the MII. A 0 in this bit allows normal MAC
operation. The transmitter and receiver must be disabled before enabling the loopback mode. (Packets
received during MLB mode will reflect loopback status in the receive descriptor’s
cmdsts.LBP field.)
28
ATP
Automatic Transmit Padding
Setting this bit to 1 causes the MAC to automatically pad small (runt) transmit packets to the Ethernet
minimum size of 64 bytes. This allows driver software to transfer only actual packet data. Setting this bit
to 0 disables the automatic padding function, forcing software to control runt padding.
27-26
IFG
Interframe Gap Time
This field allows the user to adjust the interframe gap time below the standard 9.6
µs @10 Mb/s and
960ns @100 Mb/s. The time can be programmed from 9.6
µs to 8.4µs @10 Mb/s and 960ns to 840ns
@100 Mb/s. Note that any value other than zero may violate the IEEE 802.3 standard. The formula for
the interframe gap is:
9.6
µs - 0.4(IFG[1:0]) µs @10 Mb/s and
960ns - 40(IFG[1:0])ns @100 Mb/s
25-24
Reserved
writes are ignored, reads return 00.
23
ECRETRY
Excessive Collision Retry Enable
This bit enables automatic retries of excessive collisions. If set, the transmitter will retry the packet up to
4 excessive collision counts, for a total of 64 attempts. If the packet still does not complete successfully,
then the transmission will be aborted after the 64th attempt. If this bit is not set, then the transmit will be
aborted after the 16th attempt. Note that setting this bit will change how collisions are reported in the
status field of the transmit descriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com