công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNLS059E bảng dữ liệu(PDF) 65 Page - Texas Instruments

tên linh kiện SNLS059E
Giải thích chi tiết về linh kiện  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E bảng dữ liệu(HTML) 65 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 61Page - Texas Instruments SNLS059E Datasheet HTML 62Page - Texas Instruments SNLS059E Datasheet HTML 63Page - Texas Instruments SNLS059E Datasheet HTML 64Page - Texas Instruments SNLS059E Datasheet HTML 65Page - Texas Instruments SNLS059E Datasheet HTML 66Page - Texas Instruments SNLS059E Datasheet HTML 67Page - Texas Instruments SNLS059E Datasheet HTML 68Page - Texas Instruments SNLS059E Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 110 page
background image
64
www.national.com
4.0 Register Set (Continued)
4.2.19 Boot ROM Address Register
The BRAR is used to setup the address for an access to an external ROM/FLASH device.
4.2.20 Boot ROM Data Register
The BRDR is used to read and write ROM/FLASH data from the data from/to an external ROM/FLASH device.
4.2.21 Silicon Revision Register
Tag: BRAR
Size: 32 bits
Hard Reset: FFFFFFFFh
Offset: 0050h
Access: Read Write
Soft Reset: unchanged
Bit
Bit Name
Description
31
AUTOINC
Auto-Increment
When set, the contents of ADDR will auto increment with every 32-bit access to the BRDR register.
30-16
unused
15-0
ADDR
Boot ROM Address
16-bit address used to access the external Boot ROM.
Tag: BRDR
Size: 32 bits
Hard Reset: undefined
Offset: 0054h
Access: Read Write
Soft Reset: undefined
Bit
Bit Name
Description
31-0
DATA
Boot ROM Data
Access port to external Boot ROM. Software can use BRAR and BRDR to read (and write if FLASH
memory is used) the external Boot ROM. All accesses must be 32-bits wide and aligned on 32-bit
boundaries.
Tag: SRR
Size: 32 bits
Hard Reset: as defined
Offset: 0058h
Access: Read Only
Soft Reset: unchanged
Bit
Bit Name
Description
31-16
unused
(reads return 0)
15-0
Rev
Revision Level
SRR register value for the DP83815 silicon.
DP83815CVNG
00000302h
DP83815DVNG/UJB 00000403h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com