công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNLS059E bảng dữ liệu(PDF) 33 Page - Texas Instruments

tên linh kiện SNLS059E
Giải thích chi tiết về linh kiện  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 29Page - Texas Instruments SNLS059E Datasheet HTML 30Page - Texas Instruments SNLS059E Datasheet HTML 31Page - Texas Instruments SNLS059E Datasheet HTML 32Page - Texas Instruments SNLS059E Datasheet HTML 33Page - Texas Instruments SNLS059E Datasheet HTML 34Page - Texas Instruments SNLS059E Datasheet HTML 35Page - Texas Instruments SNLS059E Datasheet HTML 36Page - Texas Instruments SNLS059E Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 110 page
background image
32
www.national.com
4.0 Register Set
4.1 Configuration Registers
The DP83815 implements a PCI version 2.2 configuration register space. This allows a PCI BIOS to "soft" configure the
DP83815. Software Reset has no effect on configuration registers. Hardware Reset returns all configuration registers to
their hardware reset state. For all unused registers, writes are ignored, and reads return 0.
Table 4-1 Configuration Register Map
4.1.1 Configuration Identification Register
This register identifies the DP83815 Controller to PCI system software.
Offset
Tag
Description
Access
00h
CFGID
Configuration Identification Register
RO
04h
CFGCS
Configuration Command and Status Register
R/W
08h
CFGRID
Configuration Revision ID Register
RO
0Ch
CFGLAT
Configuration Latency Timer Register
RO
10h
CFGIOA
Configuration IO Base Address Register
R/W
14h
CFGMA
Configuration Memory Address Register
R/W
18h-28h
Reserved (reads return zero)
2Ch
CFGSID
Configuration Subsystem Identification Register
RO
30h
CFGROM Boot ROM configuration register
R/W
34h
CAPPTR
Capabilities Pointer Register
RO
38h
Reserved (reads return zero)
3Ch
CFGINT
Configuration Interrupt Select Register
R/W
40h
PMCAP
Power Management Capabilities Register
RO
44h
PMCSR
Power Management Control and Status Register
R/W
48-FFh
Reserved (reads return zero)
Tag: CFGID
Size: 32 bits
Hard Reset: 0020100Bh
Offset: 00h
Access: Read Only
Soft Reset: Unchanged
Bit
Bit Name
Description
31-16
DEVID
Device ID
This field is read-only and is set to the device ID assigned by National Semiconductor to the DP83815,
which is 0020h.
15-0
VENID
Vendor ID
This field is read-only and is set to a value of 100Bh which is National Semiconductor's PCI Vendor ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com