công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNLS059E bảng dữ liệu(PDF) 83 Page - Texas Instruments

tên linh kiện SNLS059E
Giải thích chi tiết về linh kiện  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E bảng dữ liệu(HTML) 83 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 79Page - Texas Instruments SNLS059E Datasheet HTML 80Page - Texas Instruments SNLS059E Datasheet HTML 81Page - Texas Instruments SNLS059E Datasheet HTML 82Page - Texas Instruments SNLS059E Datasheet HTML 83Page - Texas Instruments SNLS059E Datasheet HTML 84Page - Texas Instruments SNLS059E Datasheet HTML 85Page - Texas Instruments SNLS059E Datasheet HTML 86Page - Texas Instruments SNLS059E Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 110 page
background image
5.0 Buffer Management (Continued)
Subject to change without notice.
82
Rev O www.national.com
5.1.3 Multiple Descriptor Packets
A single packet may also cross descriptor boundaries. This
is indicated by setting the MORE bit in all descriptors
except the last one in the packet. Ethernet applications
(bridges, switches, routers, etc.) can optimize memory
utilization by using a single small buffer per receive
descriptor, and allowing the DP83815 hardware to use the
minimum number of buffers necessary to store an
incoming packet.
5.1.4 Descriptor Lists
Descriptors are organized in linked lists using the link field.
The system designer may also choose to implement a
"ring" of descriptors by linking the last descriptor in the list
back to the first. A list of descriptors may represent any
number of packets or packet fragments.
Figure 5-2 Multiple Descriptor Packets
Figure 5-3 List and Ring Descriptor Organization
link
ptr
MAC hdr
netwk hdr
data
1
14
multiple descriptor / single fragment
link
ptr
1
20
link
ptr
0
30
10180
addr 10140
10140
addr 10100
101C0
addr 10180
10100
addr 101C0
Descriptors Organized in a Ring
10180
addr 10140
10140
addr 10100
101C0
addr 10180
00000
addr 101C0
Descriptors Organized in a Linked List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com