công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNLS059E bảng dữ liệu(PDF) 23 Page - Texas Instruments

tên linh kiện SNLS059E
Giải thích chi tiết về linh kiện  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 19Page - Texas Instruments SNLS059E Datasheet HTML 20Page - Texas Instruments SNLS059E Datasheet HTML 21Page - Texas Instruments SNLS059E Datasheet HTML 22Page - Texas Instruments SNLS059E Datasheet HTML 23Page - Texas Instruments SNLS059E Datasheet HTML 24Page - Texas Instruments SNLS059E Datasheet HTML 25Page - Texas Instruments SNLS059E Datasheet HTML 26Page - Texas Instruments SNLS059E Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 110 page
background image
3.0 Functional Description (Continued)
Subject to change without notice.
22
Rev O www.national.com
3.9.3 NRZ to NRZI Encoder
After the transmit data stream has been serialized and
scrambled, the data must be NRZI encoded in order to
comply with the TP-PMD standard for 100BASE-TX
transmission over Category-5 un-shielded twisted pair
cable. There is no ability to bypass this block within the
DP83815.
3.9.4 Binary to MLT-3 Convertor / Common Driver
The Binary to MLT-3 conversion is accomplished by
converting the serial binary data stream output from the
NRZI encoder into two binary data streams with alternately
phased logic one events. These two binary streams are
then fed to the twisted pair output driver which converts the
voltage to current and alternately drives either side of the
transmit transformer primary winding, resulting in a minimal
current (20 mA max) MLT-3 signal. Refer to Figure 3-7
Figure 3-7 Binary to MLT-3 conversion
D
Q
Q
binary_in
binary_plus
binary_minus
binary_in
binary_plus
binary_minus
COMMON
DRIVER
MLT-3
differential MLT-3
Table 3-1 4B5B Code-Group Encoding/Decoding
Name
PCS 5B Code-group
Description/4B Value
DATA CODES
0
11110
0000
1
01001
0001
2
10100
0010
3
10101
0011
4
01010
0100
5
01011
0101
6
01110
0110
7
01111
0111
8
10010
1000
9
10011
1001
A
10110
1010
B
10111
1011
C
11010
1100
D
11011
1101
E
11100
1110
F
11101
1111
IDLE AND CONTROL CODES
H
00100
HALT code-group - Error code
I
11111
Inter-Packet IDLE - 0000
J
11000
First Start of Packet - 0101
K
10001
Second Start of Packet - 0101
T
01101
First End of Packet - 0000
R
00111
Second End of Packet - 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com