công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNLS059E bảng dữ liệu(PDF) 34 Page - Texas Instruments

tên linh kiện SNLS059E
Giải thích chi tiết về linh kiện  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 30Page - Texas Instruments SNLS059E Datasheet HTML 31Page - Texas Instruments SNLS059E Datasheet HTML 32Page - Texas Instruments SNLS059E Datasheet HTML 33Page - Texas Instruments SNLS059E Datasheet HTML 34Page - Texas Instruments SNLS059E Datasheet HTML 35Page - Texas Instruments SNLS059E Datasheet HTML 36Page - Texas Instruments SNLS059E Datasheet HTML 37Page - Texas Instruments SNLS059E Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 110 page
background image
33
www.national.com
4.0 Register Set (Continued)
4.1.2 Configuration Command and Status Register
The CFGCS register has two parts. The upper 16-bits (31-16) are devoted to device status. A status bit is reset whenever
the register is written, and the corresponding bit location is a 1. The lower 16-bits (15-0) are devoted to command and are
used to configure and control the device.
Tag: CFGCS
Size: 32 bits
Hard Reset: 02900000h
Offset: 04h
Access: Read Write
Soft Reset: Unchanged
Bit
Bit Name
Description
31
DPERR
Detected Parity Error
Refer to the description in the PCI V2.2 specification.
30
SSERR
Signaled SERR
Refer to the description in the PCI V2.2 specification.
29
RMABT
Received Master Abort
Refer to the description in the PCI V2.2 specification.
28
RTABT
Received Target Abort
Refer to the description in the PCI V2.2 specification.
27
STABT
Sent Target Abort
Refer to the description in the PCI V2.2 specification.
26-25
DSTIM
DEVSELN Timing
This field will always be set to 01 indicating that DP83815 supports “medium” DEVSELN timing.
24
DPD
Data Parity Detected
Refer to the description in the PCI V2.2 specification.
23
FBB
Fast Back-to-Back Capable
DP83815 will set this bit to 1.
22-21
unused
(reads return 0)
20
NCPEN
New Capabilities Enable
When set, this bit indicates that the Capabilities Pointer contains a valid value and new capabilities such
as power management are supported. When clear, new capabilities (CAPPTR, PMCAP, PMCS) are
disabled. The value in this register will either be loaded from the EEPROM or, if the EEPROM is
disabled, from a strap option at reset.
19-16
Unused
(reads return 0)
15-10
Unused
(reads return 0)
9
FBBEN
Fast Back-to-Back Enable
Set to 1 by the PCI BIOS to enable the DP83815 to do Fast Back-to-Back transfers (FBB transfers as a
master is not implemented in the current revision).
8
SERREN
SERRN Enable
When SERREN and PERRSP are set, DP83815 will generate SERRN during target cycles when an
address parity error is detected from the system. Also, when SERREN and PERRSP are set and
CFG:PESEL is reset, master cycles detecting data parity errors will generate SERRN.
7
Unused
(reads return 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com