công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T83C5121XXX-ICSIL bảng dữ liệu(PDF) 34 Page - ATMEL Corporation

tên linh kiện T83C5121XXX-ICSIL
Giải thích chi tiết về linh kiện  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL bảng dữ liệu(HTML) 34 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 30Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 31Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 32Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 33Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 34Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 35Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 36Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 37Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 115 page
background image
34
A/T8xC5121
4164G–SCR–07/06
Interrupt Generator
There are several sources of interruption but the SCIB macro-cell issues only one inter-
rupt signal: SCIB IT.
Figure 20. SCIB Interrupt Sources
This signal is high level active. One of the sources is able to set up the interrupt signal
and this is the read of the Smart Card Interrupt register by the CPU that clears this
signal.
If during the read of the Smart Card Interrupt register an interrupt occurs, the set of the
corresponding bit into the Smart Card Interrupt register and the set of the interrupt signal
will be delayed after the read access.
Registers
There are fourteen registers to control the SCIB macro-cell. They will be described in
the Section “DC/DC Converter”.
Some of the register widths are greater than a byte. Despite the 8 bits access provided
by the BIU, the address mapping of this kind of register respects the following rule:
•
The Lowest significant byte register is implemented at the higher address.
This implementation makes access to these registers easier when using high level pro-
gramming language (C,C++).
ESCTBI
CIccER
ESCWTI
ESCRI
ESCPI
ECVccER
Transmit buffer
copied to shift register
Output current
out of range
Output voltage
out of range
Timeout on WT
counter
Complete
transmission
Complete
reception
Parity error
detected
SCIB IT
ESCTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com