công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C8150ANDE bảng dữ liệu(PDF) 15 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C8150ANDE
Giải thích chi tiết về linh kiện  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150ANDE bảng dữ liệu(HTML) 15 Page - Pericom Semiconductor Corporation

Back Button PI7C8150ANDE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 15Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 16Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 17Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 18Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 19Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 15 of 111
APRIL 2006 – Revision 1.1
Name
Pin #
Pin #
Type
Description
S_DEVSEL_L
175
A11
STS
Secondary Device Select (Active LOW): Asserted by
the target indicating that the device is accepting the
transaction. As a master, PI7C8150A waits for the
assertion of this signal within 5 cycles of S_FRAME_L
assertion; otherwise, terminate with master abort. Before
tri-stated, it is driven to a de-asserted state for one cycle.
S_STOP_L
173
B11
STS
Secondary STOP (Active LOW): Asserted by the
target indicating that the target is requesting the initiator
to stop the current transaction. Before tri-stated, it is
driven to a de-asserted state for one cycle.
S_LOCK_L
172
C11
STS
Secondary LOCK (Active LOW): Asserted by the
master for multiple transactions to complete.
S_PERR_L
171
A12
STS
Secondary Parity Error (Active LOW): Asserted
when a data parity error is detected for data received on
the secondary interface. Before being tri-stated, it is
driven to a de-asserted state for one cycle.
S_SERR_L
169
D11
I
Secondary System Error (Active LOW): Can be
driven LOW by any device to indicate a system error
condition.
S_REQ_L[8:0]
9, 8, 7, 6, 5, 4, 3,
2, 207
E4, E3, D2, C1,
C2, D3, A2,B3,
B4
I
Secondary Request (Active LOW): This is asserted by
an external device to indicate that it wants to start a
transaction on the secondary bus. The input is externally
pulled up through a resistor to VDD.
S_GNT_L[8:0]
19, 18, 17, 16, 15,
14, 13, 11, 10
G1, F1, F2, G3,
F4, E1, E2,F3,
D1
TS
Secondary Grant (Active LOW): PI7C8150A asserts
this pin to access the secondary bus. PI7C8150A de-
asserts this pin for at least 2 PCI clock cycles before
asserting it again. During idle and S_GNT_L asserted,
PI7C8150A will drive S_AD, S_CBE, and S_PAR.
S_RESET_L
22
H1
O
Secondary RESET (Active LOW): Asserted when any
of the following conditions are met:
1.
Signal P_RESET_L is asserted.
2.
Secondary reset bit in bridge control register in
configuration space is set.
When asserted, all control signals are tri-stated and
zeroes are driven on S_AD, S_CBE, and S_PAR.
S_M66EN
153
D15
I/OD
Secondary Interface 66MHz Operation:
This input is used to specify if PI7C8150A is running at
66MHz on the secondary side. When HIGH, the
Secondary bus may run at 66MHz. When LOW, the
Secondary bus may only run at 33MHz.
If P_M66EN is pulled LOW, the S_M66EN is also
driven LOW.
S_CFN_L
23
H2
I
Secondary Bus Central Function Control Pin: When
tied LOW, it enables the internal arbiter. When tied
HIGH, an external arbiter must be used. S_REQ_L[0] is
reconfigured to be the secondary bus grant input, and
S_GNT_L[0] is reconfigured to be the secondary bus
request output. S_CFN_L has a weak internal pull-
down resistor.
2.2.3
CLOCK SIGNALS
Name
Pin #
Pin #
Type
Description
P_CLK
45
M4
I
Primary Clock Input: Provides timing for all
transactions on the primary interface.
S_CLKIN
21
H3
I
Secondary Clock Input: Provides timing for all
transactions on the secondary interface.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com