công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C8150ANDE bảng dữ liệu(PDF) 55 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C8150ANDE
Giải thích chi tiết về linh kiện  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150ANDE bảng dữ liệu(HTML) 55 Page - Pericom Semiconductor Corporation

Back Button PI7C8150ANDE Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 53Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 54Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 55Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 56Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 57Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 58Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 59Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 55 of 111
APRIL 2006 – Revision 1.1
When a delayed write transaction is normally queued, the address, command, address
parity, data, byte enable bits, and data parity are all captured and a target retry is returned to
the initiator. When PI7C8150A detects a parity error on the write data for the initial
delayed write request transaction, the following events occur:
If the parity-error-response bit corresponding to the initiator bus is set, PI7C8150A
asserts TRDY_L to the initiator and the transaction is not queued. If multiple data
phases are requested, STOP_L is also asserted to cause a target disconnect. Two cycles
after the data transfer, PI7C8150A also asserts PERR_L.
If the parity-error-response bit is not set, PI7C8150A returns a target retry. It queues
the transaction as usual. PI7C8150A does not assert PERR_L. In this case, the
initiator repeats the transaction.
PI7C8150A sets the detected-parity-error bit in the status register corresponding to the
initiator bus, regardless of the state of the parity-error-response bit.
Note: If parity checking is turned off and data parity errors have occurred for queued or
subsequent delayed write transactions on the initiator bus, it is possible that the initiator’s
re-attempts of the write transaction may not match the original queued delayed write
information contained in the delayed transaction queue. In this case, a master timeout
condition may occur, possibly resulting in a system error (P_SERR_L assertion).
For downstream transactions, when PI7C8150A is delivering data to the target on the
secondary bus and S_PERR_L is asserted by the target, the following events occur:
PI7C8150A sets the secondary interface data parity detected bit in the secondary status
register, if the secondary parity error response bit is set in the bridge control register.
PI7C8150A captures the parity error condition to forward it back to the initiator on the
primary bus.
Similarly, for upstream transactions, when PI7C8150A is delivering data to the target on
the primary bus and P_PERR_L is asserted by the target, the following events occur:
PI7C8150A sets the primary interface data-parity-detected bit in the status register, if
the primary parity-error-response bit is set in the command register.
PI7C8150A captures the parity error condition to forward it back to the initiator on the
secondary bus.
A delayed write transaction is completed on the initiator bus when the initiator repeats the
write transaction with the same address, command, data, and byte enable bits as the
delayed write command that is at the head of the posted data queue. Note that the parity bit
is not compared when determining whether the transaction matches those in the delayed
transaction queues.
Two cases must be considered:
When parity error is detected on the initiator bus on a subsequent re-attempt of the
transaction and was not detected on the target bus
When parity error is forwarded back from the target bus
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com