công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C8150ANDE bảng dữ liệu(PDF) 48 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C8150ANDE
Giải thích chi tiết về linh kiện  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150ANDE bảng dữ liệu(HTML) 48 Page - Pericom Semiconductor Corporation

Back Button PI7C8150ANDE Datasheet HTML 44Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 52Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 48 of 111
APRIL 2006 – Revision 1.1
PI7C8150A does not merge bytes on separate masked write transactions to the same
DWORD address—this optimization is also best implemented in the originating
master.
PI7C8150A does not collapse sequential write transactions to the same address into a
single write transaction—the PCI Local Bus Specification does not permit this
combining of transactions.
5.2
GENERAL ORDERING GUIDELINES
Independent transactions on primary and secondary buses have a relationship only when
those transactions cross PI7C8150A.
The following general ordering guidelines govern transactions crossing PI7C8150A:
The ordering relationship of a transaction with respect to other transactions is
determined when the transaction completes, that is, when a transaction ends with a
termination other than target retry.
Requests terminated with target retry can be accepted and completed in any order with
respect to other transactions that have been terminated with target retry. If the order of
completion of delayed requests is important, the initiator should not start a second
delayed transaction until the first one has been completed. If more than one delayed
transaction is initiated, the initiator should repeat all delayed transaction requests,
using some fairness algorithm. Repeating a delayed transaction cannot be contingent
on completion of another delayed transaction. Otherwise, a deadlock can occur.
Write transactions flowing in one direction have no ordering requirements with respect
to write transactions flowing in the other direction. PI7C8150A can accept posted
write transactions on both interfaces at the same time, as well as initiate posted write
transactions on both interfaces at the same time.
The acceptance of a posted memory write transaction as a target can never be
contingent on the completion of a non-locked, non-posted transaction as a master. This
is true for PI7C8150A and must also be true for other bus agents. Otherwise, a
deadlock can occur.
PI7C8150A accepts posted write transactions, regardless of the state of completion of
any delayed transactions being forwarded across PI7C8150A.
5.3
ORDERING RULES
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com