| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI7C8150ANDE bảng dữ liệu(PDF) 73 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C8150ANDE bảng dữ liệu(HTML) 73 Page - Pericom Semiconductor Corporation |
|
73 / 111 page ![]() PI7C8150A 2-PORT PCI-TO-PCI BRIDGE Page 73 of 111 APRIL 2006 – Revision 1.1 Support of the B2 secondary bus power state when in the D3 hot power management state Table 11-1 shows the states and related actions that PI7C8150A performs during power management transitions. (No other transactions are permitted.) Table 11-1. Power Management Transitions Current Status Next State Action D0 D3cold Power has been removed from PI7C8150A. A power-up reset must be performed to bring PI7C8150A to D0. D0 D3hot If enabled to do so by the BPCCE pin, PI7C8150A will disable the secondary clocks and drive them LOW. D0 D2 Unimplemented power state. PI7C8150A will ignore the write to the power state bits (power state remains at D0). D0 D1 Unimplemented power state. PI7C8150A will ignore the write to the power state bits (power state remains at D0). D3hot D0 PI7C8150A enables secondary clock outputs and performs an internal chip reset. Signal S_RST_L will not be asserted. All registers will be returned to the reset values and buffers will be cleared. D3hot D3cold Power has been removed from PI7C8150A. A power-up reset must be performed to bring PI7C8150A to D0. D3cold D0 Power-up reset. PI7C8150A performs the standard power-up reset functions as described in Section 12. PME# signals are routed from downstream devices around PCI-to-PCI bridges. PME# signals do not pass through PCI-to-PCI bridges. 12 RESET This chapter describes the primary interface, secondary interface, and chip reset mechanisms. 12.1 PRIMARY INTERFACE RESET PI7C8150A has a reset input, P_RESET_L. When P_RESET_L is asserted, the following events occur: PI7C8150A immediately tri-states all primary and secondary PCI interface signals. PI7C8150A performs a chip reset. Registers that have default values are reset. P_RESET_L asserting and de-asserting edges can be asynchronous to P_CLK and S_CLKOUT. PI7C8150A is not accessible during P_RESET_L. After P_RESET_L is de- asserted, PI7C8150A remains inaccessible for 16 PCI clocks before the first configuration transaction can be accepted. 06-0057 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |