công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C8150ANDE bảng dữ liệu(PDF) 42 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C8150ANDE
Giải thích chi tiết về linh kiện  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150ANDE bảng dữ liệu(HTML) 42 Page - Pericom Semiconductor Corporation

Back Button PI7C8150ANDE Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 43Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 44Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 46Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 42 of 111
APRIL 2006 – Revision 1.1
will be ignored if the I/O enable bit is not set. To enable upstream forwarding of I/O
transactions, the master enable bit must be set in the command register. If the master-
enable bit is not set, PI7C8150A ignores all I/O and memory transactions initiated on the
secondary bus.
The master-enable bit also allows upstream forwarding of memory transactions if it is set.
CAUTION
If any configuration state affecting I/O transaction forwarding is changed by a
configuration write operation on the primary bus at the same time that I/O transactions are
ongoing on the secondary bus, PI7C8150A response to the secondary bus I/O transactions
is not predictable. Configure the I/O base and limit address registers, ISA enable bit, VGA
mode bit, and VGA snoop bit before setting I/O enable and master enable bits, and change
them subsequently only when the primary and secondary PCI buses are idle.
4.2.1
I/O BASE AND LIMIT ADDRESS REGISTER
PI7C8150A implements one set of I/O base and limit address registers in configuration
space that define an I/O address range per port downstream forwarding. PI7C8150A
supports 32-bit I/O addressing, which allows I/O addresses downstream of PI7C8150A to
be mapped anywhere in a 4GB I/O address space.
I/O transactions with addresses that fall inside the range defined by the I/O base and limit
registers are forwarded downstream from the primary PCI bus to the secondary PCI bus.
I/O transactions with addresses that fall outside this range are forwarded upstream from the
secondary PCI bus to the primary PCI bus.
The I/O range can be turned off by setting the I/O base address to a value greater than that
of the I/O limit address. When the I/O range is turned off, all I/O trans-actions are
forwarded upstream, and no I/O transactions are forwarded downstream. The I/O range has
a minimum granularity of 4KB and is aligned on a 4KB boundary. The maximum I/O
range is 4GB in size. The I/O base register consists of an 8-bit field at configuration
address 1Ch, and a 16-bit field at address 30h. The top 4 bits of the 8-bit field define bits
[15:12] of the I/O base address. The bottom 4 bits read only as 1h to indicate that
PI7C8150A supports 32-bit I/O addressing. Bits [11:0] of the base address are assumed to
be 0, which naturally aligns the base address to a 4KB boundary. The 16 bits contained in
the I/O base upper 16 bits register at configuration offset 30h define AD[31:16] of the I/O
base address. All 16 bits are read/write. After primary bus reset or chip reset, the value
of the I/O base address is initialized to 0000 0000h.
The I/O limit register consists of an 8-bit field at configuration offset 1Dh and a 16-bit field
at offset 32h. The top 4 bits of the 8-bit field define bits [15:12] of the I/O limit address.
The bottom 4 bits read only as 1h to indicate that 32-bit I/O addressing is supported. Bits
[11:0] of the limit address are assumed to be FFFh, which naturally aligns the limit address
to the top of a 4KB I/O address block. The 16 bits contained in the I/O limit upper 16 bits
register at configuration offset 32h define AD[31:16] of the I/O limit address. All 16 bits
are read/write. After primary bus reset or chip reset, the value of the I/O limit address is
reset to 0000 0FFFh.
Note: The initial states of the I/O base and I/O limit address registers define an I/O range
of 0000 0000h to 0000 0FFFh, which is the bottom 4KB of I/O space. Write these registers
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com