công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C8150ANDE bảng dữ liệu(PDF) 63 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C8150ANDE
Giải thích chi tiết về linh kiện  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150ANDE bảng dữ liệu(HTML) 63 Page - Pericom Semiconductor Corporation

Back Button PI7C8150ANDE Datasheet HTML 59Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 60Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 61Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 62Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 63Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 64Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 67Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 63 of 111
APRIL 2006 – Revision 1.1
Master timeout on delayed transaction
The device-specific P_SERR_L status register reports the reason for the assertion of
P_SERR_L. Most of these events have additional device-specific disable bits in the
P_SERR_L event disable register that make it possible to mask out P_SERR_L assertion
for specific events. The master timeout condition has a SERR_L enable bit for that event in
the bridge control register and therefore does not have a device-specific disable bit.
7
EXCLUSIVE ACCESS
This chapter describes the use of the LOCK_L signal to implement exclusive access to a
target for transactions that cross PI7C8150A.
7.1
CONCURRENT LOCKS
The primary and secondary bus lock mechanisms operate concurrently except when
a locked transaction crosses PI7C8150A. A primary master can lock a primary target
without affecting the status of the lock on the secondary bus, and vice versa. This means
that a primary master can lock a primary target at the same time that a secondary master
locks a secondary target.
7.2
ACQUIRING EXCLUSIVE ACCESS ACROSS PI7C8150A
For any PCI bus, before acquiring access to the LOCK_L signal and starting a series of
locked transactions, the initiator must first check that both of the following conditions are
met:
The PCI bus must be idle.
The LOCK_L signal must be de-asserted.
The initiator leaves the LOCK_L signal de-asserted during the address phase and asserts
LOCK_L one clock cycle later. Once a data transfer is completed from the target, the target
lock has been achieved.
7.2.1
LOCKED TRANSACTIONS IN DOWNSTREAM DIRECTION
Locked transactions can cross PI7C8150A only in the downstream direction, from the
primary bus to the secondary bus.
When the target resides on another PCI bus, the master must acquire not only the lock on
its own PCI bus but also the lock on every bus between its bus and the target’s bus. When
PI7C8150A detects on the primary bus, an initial locked transaction intended for a target
on the secondary bus, PI7C8150A samples the address, transaction type, byte enable bits,
and parity, as described in Section 3.5.4. It also samples the lock signal. If there is a lock
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com