công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C8150ANDE bảng dữ liệu(PDF) 33 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C8150ANDE
Giải thích chi tiết về linh kiện  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150ANDE bảng dữ liệu(HTML) 33 Page - Pericom Semiconductor Corporation

Back Button PI7C8150ANDE Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 37Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 33 of 111
APRIL 2006 – Revision 1.1
PI7C8150A can assert up to 9 unique address lines to be used as IDSEL signals for up to 9
devices on the secondary bus, for device numbers ranging from 0 through 8. Because of
electrical loading constraints of the PCI bus, more than 9 IDSEL signals should not be
necessary. However, if device numbers greater than 9 are desired, some external method of
generating IDSEL lines must be used, and no upper address bits are then asserted. The
configuration transaction is still translated and passed from the primary bus to the
secondary bus. If no IDSEL pin is asserted to a secondary device, the transaction ends in a
master abort.
PI7C8150A forwards Type 1 to Type 0 configuration read or write transactions as delayed
transactions. Type 1 to Type 0 configuration read or write transactions are limited to a
single 32-bit data transfer.
3.7.3
TYPE 1 TO TYPE 1 FORWARDING
Type 1 to Type 1 transaction forwarding provides a hierarchical configuration mechanism
when two or more levels of PCI-to-PCI bridges are used.
When PI7C8150A detects a Type 1 configuration transaction intended for a PCI bus
downstream from the secondary bus, PI7C8150A forwards the transaction unchanged to
the secondary bus. Ultimately, this transaction is translated to a Type 0 configuration
command or to a special cycle transaction by a downstream PCI-to-PCI bridge.
Downstream Type 1 to Type 1 forwarding occurs when the following conditions are met
during the address phase:
The lowest two address bits are equal to 01b.
The bus number falls in the range defined by the lower limit (exclusive)
in the secondary bus number register and the upper limit (inclusive) in
the subordinate bus number register.
The bus command is a configuration read or write transaction.
PI7C8150A also supports Type 1 to Type 1 forwarding of configuration write transactions
upstream to support upstream special cycle generation. A Type 1 configuration command
is forwarded upstream when the following conditions are met:
The lowest two address bits are equal to 01b.
The bus number falls outside the range defined by the lower limit (inclusive)
in the secondary bus number register and the upper limit (inclusive) in the subordinate
bus number register.
The device number in address bits AD[15:11] is equal to 11111b.
The function number in address bits AD[10:8] is equal to 111b.
The bus command is a configuration write transaction.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com