| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMPR4925 bảng dữ liệu(PDF) 234 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4925 bảng dữ liệu(HTML) 234 Page - Toshiba Semiconductor |
|
234 / 590 page ![]() Chapter 9 SDRAM Controller 9-6 Table 9.3.2 Address Signal Mapping (32-bit Data Bus) (2/2) Row Address Width = 12 Column Address Width = 11 Address Bit ADDR [19:5] 19 (B0) 18 (B1) 17 16 SAD DR10 (AP) 14 13 12 11 10 9 8 7 6 5 Column Address 25 26 22 24 L/H 23 22 9 8 7 6 5 4 3 2 Row Address 25 26 22 21 20 19 18 17 16 15 14 13 12 11 10 Row Address Width = 13 Column Address Width = 8 Address Bit ADDR [19:5] 19 (B0) 18 (B1) 17 16 SAD DR10 (AP) 14 13 12 11 10 9 8 7 6 5 Column Address 23 24 22 21 L/H 24 23 9 8 7 6 5 4 3 2 Row Address 23 24 22 21 20 19 18 17 16 15 14 13 12 11 10 Row Address = 13 Column Address Width = 9 Address Bit ADDR [19:5] 19 (B0) 18 (B1) 17 16 SAD DR10 (AP) 14 13 12 11 10 9 8 7 6 5 Column Address 24 25 22 21 L/H 24 23 9 8 7 6 5 4 3 2 Row Address 24 25 22 21 20 19 18 17 16 15 14 13 12 11 10 Row Address Width = 13 Column Address Width = 10 Address Bit ADDR [19:5] 19 (B0) 18 (B1) 17 16 SAD DR10 (AP) 14 13 12 11 10 9 8 7 6 5 Column Address 25 26 22 21 L/H 24 23 9 8 7 6 5 4 3 2 Row Address 25 26 22 21 20 19 18 17 16 15 14 13 12 11 10 Row Address Width = 13 Column Address Width = 11 Address Bit ADDR [19:5] 19 (B0) 18 (B1) 17 16 SAD DR10 (AP) 14 13 12 11 10 9 8 7 6 5 Column Address 26 27 22 25 L/H 24 23 9 8 7 6 5 4 3 2 Row Address 26 27 22 21 20 19 18 17 16 15 14 13 12 11 10 Row Address Width = 13 Column Address Width = 12 Address Bit ADDR [19:5] 19 (B0) 18 (B1) 17 16 SAD DR10 (AP) 14 13 12 11 10 9 8 7 6 5 Column Address 27 28 26 25 L/H 24 23 9 8 7 6 5 4 3 2 Row Address 27 28 22 21 20 19 18 17 16 15 14 13 12 11 10 |