| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMPR4925 bảng dữ liệu(PDF) 53 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4925 bảng dữ liệu(HTML) 53 Page - Toshiba Semiconductor |
|
53 / 590 page ![]() Chapter 1 Features 1-7 1.2.2.16 EJTAG Interface The TX4925 contains an Extended Enhanced Joint Test Action Group (Extended EJTAG) interface, which provides two functions: JTAG boundary scan test that complies with IEEE1149.1 and real-time debugging using a debug support unit (DSU) built into the TX49/H2 core. • IEEE 1149.1 JTAG Boundary Scan • Real-time debugging functions using special emulation probe: execution control (execution, break, step, and register/memory access) and PC trace “MIPS” is the registered trademark of MIPS Technologies, Inc. “SyncFlash®” is a registered trademark of Micron Technology, Inc. |