| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMPR4925 bảng dữ liệu(PDF) 73 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4925 bảng dữ liệu(HTML) 73 Page - Toshiba Semiconductor |
|
73 / 590 page ![]() Chapter 3 Signals 3-15 Table 3.2.3 Boot Configuration When SyncFlash is Used as Boot Memory Signal Description Corresponding Register Bit Configuration Determined at ADDR[13] Boot ROM Bus Width Specifies the data bus width when booting from SyncFlash memory. L = 32 bits H = 16 bits SDCCR0.MW RESET* deassert edge ADDR[5,2] Boot SyncFlash Memory Row Size Specifies the SyncFlash memory row size when booting from SyncFlash memory. LH = Reserved LL = 13 bits HH = 12 bits HL = 11 bits SDCCR0.RS RESET* deassert edge ADDR[12:11] Boot SyncFlash Memory Column Size Specifies the SyncFlash memory column size when booting from SyncFlash memory. HH = 11 bits HL = 9 bits LH = 10 bits LL = 8 bits SDCCR0.CS RESET* deassert edge |