| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMPR4925 bảng dữ liệu(PDF) 81 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4925 bảng dữ liệu(HTML) 81 Page - Toshiba Semiconductor |
|
81 / 590 page ![]() Chapter 4 Address Mapping 4-3 4.2.3 Register Map The outline of the register map allocated built-in controllers is shown in Table 4.2.1, and the table of the internal registers is shown in Table 4.2.2, respectively. Please refer to “10.5 PCI Configuration Space Register” about PCI configuration register. Table 4.2.1 Register Map Offset Address Peripheral Controller Detail 0x0000 to 0x7FFF Reserved - 0x8000 to 0x8FFF SDRAMC Refer to 9.4 0x9000 to 0x9FFF EBUSC Refer to 7.4 0xA000 to 0xA7FF Reserved - 0xA800 to 0xAFFF CHI Refer to 16.4 0xB000 to 0xBFFF DMAC Refer to 8.4 0xC000 to 0xCFFF NDFMC Refer to 18.4 0xD000 to 0xDFFF PCIC Refer to 10.4 0xE000 to 0xEFFF CONFIG Refer to 5.2 0xF000 to 0xF0FF TMR0 Refer to 12.4 0xF100 to 0xF1FF TMR1 Refer to 12.4 0xF200 to 0xF2FF TMR2 Refer to 12.4 0xF300 to 0xF3FF SIO0 Refer to 11.4 0xF400 to 0xF4FF SIO1 Refer to 11.4 0xF500 to 0xF50F PIO Refer to 13.4 0xF510 to 0xF6FF IRC Refer to 15.4 0xF700 to 0xF7FF ACLC Refer to 14.4 0xF800 to 0xF8FF SPI Refer to 17.4 0xF900 to 0xF9FF RTC Refer to 19.4 0xFA00 to 0xFFFF Reserved - |