công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC86X bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện LPC86X
Giải thích chi tiết về linh kiện  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 7Page - NXP Semiconductors LPC86X Datasheet HTML 8Page - NXP Semiconductors LPC86X Datasheet HTML 9Page - NXP Semiconductors LPC86X Datasheet HTML 10Page - NXP Semiconductors LPC86X Datasheet HTML 11Page - NXP Semiconductors LPC86X Datasheet HTML 12Page - NXP Semiconductors LPC86X Datasheet HTML 13Page - NXP Semiconductors LPC86X Datasheet HTML 14Page - NXP Semiconductors LPC86X Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
11 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
PIO0_10 and PIO_11 are high current source pins while PIO0_2, PIO0_3, PIO0_12, and
PIO0_16 are high drive output pins.
The JTAG functions TDO, TDI, TCK, TMS, and TRST are selected on pins PIO0_0 to
PIO0_4 by hardware when the part is in boundary scan mode.
Note: The switch matrix allows the I3C to map the IO to all pads. See Table 5 for details.
Table 4.
Pin description
Symbol
Reset
state[1]
Type Description
PIO0_0/ACMP_I1/
TDO
48
36
24
[2]
I; HI-Z
IO
PIO0_0 — General-purpose port 0 input/output 0.
In boundary scan mode: TDO (Test Data Out).
A
ACMP_I1 — Analog comparator input 1.
PIO0_1/ACMP_I2/
CLKIN/TDI
32
24
16
[2]
I; HI-Z
IO
PIO0_1 — General-purpose port 0 input/output 1.
In boundary scan mode: TDI (Test Data In).
A
ACMP_I2 — Analog comparator input 2.
I
CLKIN — External clock input.
SWDIO/PIO0_2/
TMS
14
10
7
[4]
I; HI-Z
IO
SWDIO — Serial Wire Debug I/O. SWDIO is
enabled by default on this pin. In boundary scan
mode: TMS (Test Mode Select).
I/O
PIO0_2 — General-purpose port 0 input/output 2.
SWCLK/PIO0_3/
TCK
12
8
6
[4]
I; HI-Z
I
SWCLK — Serial Wire Clock. SWCLK is enabled by
default on this pin.
In boundary scan mode: TCK (Test Clock).
IO
PIO0_3 — General-purpose port 0 input/output 3.
PIO0_4/ADC_11/
TRSTN/WAKEUP
66
4
[3]
I; HI-Z
IO
PIO0_4 — General-purpose port 0 input/output 4.
In boundary scan mode: TRST (Test Reset).
This pin triggers a wake-up from deep power-down
mode. If the part must wake up from deep
power-down mode via the WAKEUP pin, do not
assign any movable function to this pin and must be
externally pulled HIGH before entering deep
power-down mode. A LOW-going pulse as short as
50 ns causes the chip to exit deep power-down
mode and wakes up the part. The WAKEUP pin can
be left unconnected or be used as a GPIO or for any
movable function if an external WAKEUP function is
not needed.
A
ADC_11 — ADC input 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com