công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC86X bảng dữ liệu(PDF) 30 Page - NXP Semiconductors

tên linh kiện LPC86X
Giải thích chi tiết về linh kiện  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X bảng dữ liệu(HTML) 30 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 26Page - NXP Semiconductors LPC86X Datasheet HTML 27Page - NXP Semiconductors LPC86X Datasheet HTML 28Page - NXP Semiconductors LPC86X Datasheet HTML 29Page - NXP Semiconductors LPC86X Datasheet HTML 30Page - NXP Semiconductors LPC86X Datasheet HTML 31Page - NXP Semiconductors LPC86X Datasheet HTML 32Page - NXP Semiconductors LPC86X Datasheet HTML 33Page - NXP Semiconductors LPC86X Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
30 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
8.21.1 Features
• Selectable 0 mV, 10 mV ( 5 mV), and 20 mV ( 10 mV), 40 mV ( 20 mV) input
hysteresis.
• Two selectable external voltages (VDD or ACMPVREF ); fully configurable on either
positive or negative input channel.
• Internal voltage reference from band gap selectable on either positive or negative
input channel.
• 32-stage voltage ladder with the internal reference voltage selectable on either the
positive or the negative input channel.
• Voltage ladder source voltage is selectable from an external pin or the main 3.3 V
supply voltage rail.
• Voltage ladder can be separately powered down for applications only requiring the
comparator function.
• Interrupt output is connected to NVIC.
• Comparator level output is connected to output pin ACMP_O.
• One comparator output is internally connected to the ADC trigger input multiplexer.
8.22 Analog-to-Digital Converter (ADC)
The ADC supports a resolution of 12-bit and fast conversion rates of up to
1.9 MSamples/s. Sequences of analog-to-digital conversions can be triggered by multiple
sources. The ADC trigger inputs are listed in the following table.
The ADC includes a hardware threshold compare function with zero-crossing detection.
Remark: For best performance, select VREFP and VREFN at the same voltage levels as
VDD and VSS. When selecting VREFP and VREFN different from VDD and VSS, ensure
that the voltage midpoints are the same:
(VREFP-VREFN)/2 + VREFN = VDD/2
8.22.1 Features
• 12-bit successive approximation analog to digital converter.
Table 7.
ADC trigger inputs
Selection
Input source
0
No hardware trigger
1GPIO_INT0
2GPIO_INT1
3
FTM0_INIT_TRIG ORed with
FTM0_EXT_TRIG
4
FTM1_INIT_TRIG ORed with
FTM1_EXT_TRIG
5
ORed all FTM1_CHn_OUT
6
ACMP0_OUT
7GPIOINT_BMATCH
8
ARM_TXEV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com