công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC86X bảng dữ liệu(PDF) 73 Page - NXP Semiconductors

tên linh kiện LPC86X
Giải thích chi tiết về linh kiện  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X bảng dữ liệu(HTML) 73 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 69Page - NXP Semiconductors LPC86X Datasheet HTML 70Page - NXP Semiconductors LPC86X Datasheet HTML 71Page - NXP Semiconductors LPC86X Datasheet HTML 72Page - NXP Semiconductors LPC86X Datasheet HTML 73Page - NXP Semiconductors LPC86X Datasheet HTML 74Page - NXP Semiconductors LPC86X Datasheet HTML 75Page - NXP Semiconductors LPC86X Datasheet HTML 76Page - NXP Semiconductors LPC86X Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
73 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
13.2 ADC
[1]
The input resistance of ADC channel 0 is higher than for all other channels. See Figure 31.
[2]
In the ADC TRM register, set VRANGE = 0 (default).
[3]
In the ADC TRM register, set VRANGE = 1.
[4]
Based on characterization. Not tested in production.
[5]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width. See Figure 32.
[6]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 32.
[7]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the straight line which fits the
ideal curve. See Figure 32.
[8]
The full-scale error voltage or gain error (EG) is the difference between the straight line fitting the actual transfer curve after removing
offset error, and the straight line which fits the ideal transfer curve. See Figure 32.
[9]
Tamb = 25 C; maximum sampling frequency fs = 1.9 Msamples/s and analog input capacitance Cia = 26 pF.
[10] Input impedance Zi (See Section 13.2.1 “ADC input impedance”) is inversely proportional to the sampling frequency and the total input
capacity including Cia and Cio: Zi  1 / (fs  Ci). See Table 12 for Cio.
[11] Set FRO output 48 MHz, in ADCCLKSEL register, set SEL as 0x0(default), in ADCCLKDIV register, set DIV as 0x01.
[12] ADC should calibrated at 30 MHz core frequency, then raise core frequency to the maximum frequency after ADC calibration is
successful.
Table 30.
12-bit ADC static characteristics
Tamb = 40 C to +105 C unless noted otherwise; VDD = VDDA = 2.4 V to 3.6 V; VREFP = VDD = VDDA; VREFN = VSS;
ADC clock source from FRO 48 MHz(ADCCLKSEL set as 0x0), ADC clock is 48 MHz(ADCCLKDIV set as 0x01, divide by 1).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
0
-
VDDA
V
Vref
reference voltage
on pin VREFP
2.4
-
VDDA
V
Cia
analog input capacitance
-
-
26
pF
fclk(ADC)
ADC clock frequency
[2][11] --
48
MHz
fs
sampling frequency
[2] -
-
1.9
Msamples/s
ED
differential linearity error
[5][4] -
3.0
-
LSB
EL(adj)
integral non-linearity
[6][4] -
2.5
-
LSB
EO
offset error
[7][4] -
2.5
-
LSB
Verr(fs)
full-scale error voltage
[8][4] -0.1
-
%
Zi
input impedance
fs = 1.9 Msamples/s
[1][9][10] 0.06
-
-
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com