công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC86X bảng dữ liệu(PDF) 82 Page - NXP Semiconductors

tên linh kiện LPC86X
Giải thích chi tiết về linh kiện  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X bảng dữ liệu(HTML) 82 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 78Page - NXP Semiconductors LPC86X Datasheet HTML 79Page - NXP Semiconductors LPC86X Datasheet HTML 80Page - NXP Semiconductors LPC86X Datasheet HTML 81Page - NXP Semiconductors LPC86X Datasheet HTML 82Page - NXP Semiconductors LPC86X Datasheet HTML 83Page - NXP Semiconductors LPC86X Datasheet HTML 84Page - NXP Semiconductors LPC86X Datasheet HTML 85Page - NXP Semiconductors LPC86X Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
82 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
(1) See Section 14.2 “XTAL oscillator” for the values of C1 and C2.
(2) Position the decoupling capacitors of 0.1 μF and 0.01 μF as close as possible to the VDD pin. Add one set of decoupling
capacitors to each VDD pin.
(3) Position the decoupling capacitors of 0.1 μF as close as possible to the VREFN and VDD pins. The 10 μF bypass capacitor
filters the power line. Tie VREFP to VDD if the ADC is not used. Tie VREFN to VSS if ADC is not used.
(4) Uses the Arm 10-pin interface for SWD.
(5) When measuring signals of low frequency, use a low-pass filter to remove noise and to improve ADC performance. Also, see
Ref. 4.
(6) External pull-up resistors on SWDIO pins are optional because these pins have an internal pull-up enabled by default.
Fig 37. Power, clock, and debug connections
PIO0_12
ADC_0
PIO0_8/XTALIN
PIO0_9/XTALOUT
VDD
VREFP
PIO0_6/ADC_1/ACMPVREF
VREFN
LPC86x
3.3 V
DGND
Note 5
Note 5 (ADC_1),
Note 3 (ACMPVREF)
C1
C2
Note 1
DGND
DGND
Note 2
Note 3
0.01 μF
0.1 μF
3.3 V
AGND
AGND
AGND
10 μF
0.1 μF
0.1 μF
ISP select pin
aaa-042546
SWDIO/PIO0_2
SWCLK/PIO0_3
RESETN/PIO0_5
VSS
3.3 V
DGND
DGND
DGND
1
3
5
7
9
2
4
6
8
10
n.c.
n.c.
n.c.
SWD connector
(6)
(4)
(6)
3.3 V
~10 kΩ - 100 kΩ
~10 kΩ - 100 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com