công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC86X bảng dữ liệu(PDF) 35 Page - NXP Semiconductors

tên linh kiện LPC86X
Giải thích chi tiết về linh kiện  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X bảng dữ liệu(HTML) 35 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 31Page - NXP Semiconductors LPC86X Datasheet HTML 32Page - NXP Semiconductors LPC86X Datasheet HTML 33Page - NXP Semiconductors LPC86X Datasheet HTML 34Page - NXP Semiconductors LPC86X Datasheet HTML 35Page - NXP Semiconductors LPC86X Datasheet HTML 36Page - NXP Semiconductors LPC86X Datasheet HTML 37Page - NXP Semiconductors LPC86X Datasheet HTML 38Page - NXP Semiconductors LPC86X Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
35 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
8.24.5 Power control
The LPC86x supports the Arm Cortex-M0+ sleep mode. The CPU clock rate may also be
controlled as needed by changing clock sources, reconfiguring PLL values, and/or altering
the CPU clock divider value. This allows a trade-off of power versus processing speed
based on application requirements. In addition, a register is provided for shutting down the
clocks to individual on-chip peripherals, allowing to fine-tune power consumption by
eliminating all dynamic power use in any peripherals that are not required for the
application. Selected peripherals have their own clock divider which provides even better
power control.
8.24.5.1 Sleep mode
When sleep mode is entered, the clock to the core is stopped. Resumption from the sleep
mode does not need any special sequence but re-enabling the clock to the Arm core.
In sleep mode, the execution of instructions is suspended until either a reset or interrupt
occurs. Peripheral functions continue operation during sleep mode and may generate
interrupts to cause the processor to resume execution. sleep mode eliminates dynamic
power used by the processor itself, memory systems and related controllers and internal
buses.
8.24.5.2 Deep-sleep mode
In deep-sleep mode, the LPC86x core is in sleep mode and all peripheral clocks and all
clock sources are off except for the FRO or low-power oscillator if selected. The FRO
output is disabled. In addition, all analog blocks are shut down and the flash is in standby
mode. In deep-sleep mode, the application can keep the low-power oscillator and the
BOD circuit running for self-timed wake-up and BOD protection.
Table 8.
Clocking diagram signal name descriptions
Name
Description
sys_osc_clk
This is the internal clock that comes from external crystal oscillator through dedicated pins.
frg_clk
The output of the Fractional Rate Generator. The FRG and its source selection are shown in Figure 11
“Clock generation (continued)”.
fro
The output of the currently selected on-chip FRO oscillator. See UM11029 User manual.
fro_div
The FRO output. This may be either 15 Hz, 12 MHz, or 9 MHz. See UM11029 User manual.
main_clk
The main clock is used by the CPU and AHB bus, and potentially many others. The main clock and its
source selection are shown in Figure 10 “Clock generation”.
“none”
A tied-off source should be selected to save power when the output of the related multiplexer is not used.
sys_pll0_clk
The output of the System PLL. The System PLL and its source selection are shown in Figure 10 “Clock
generation”.
lp_osc_clk
The output of the low-power oscillator, which has a selectable target frequency. It must also be enabled in
the PDRINCFG0 register. See UM11607 User manual.
xtalin
Input of the main oscillator. If used, this is connected to an external crystal and load capacitor.
xtalout
Output of the main oscillator. If used, this is connected to an external crystal and load capacitor.
clk_in
This is the internal clock that comes from the main CLK_IN pin function. Connect that function to the pin by
selecting it in the IOCON block.
external_clk
This is the internal clock that comes from the external crystal oscillator or the CLK_IN pin.
extclk
FlexTimer external clock coming from FTM0_EXTCLK or FTM1_EXTCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com