công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC86X bảng dữ liệu(PDF) 33 Page - NXP Semiconductors

tên linh kiện LPC86X
Giải thích chi tiết về linh kiện  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X bảng dữ liệu(HTML) 33 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 29Page - NXP Semiconductors LPC86X Datasheet HTML 30Page - NXP Semiconductors LPC86X Datasheet HTML 31Page - NXP Semiconductors LPC86X Datasheet HTML 32Page - NXP Semiconductors LPC86X Datasheet HTML 33Page - NXP Semiconductors LPC86X Datasheet HTML 34Page - NXP Semiconductors LPC86X Datasheet HTML 35Page - NXP Semiconductors LPC86X Datasheet HTML 36Page - NXP Semiconductors LPC86X Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
33 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
8.24.4 Clock output
The LPC86x features a clock output function that routes the FRO, the main clock to the
CLKOUT function. The CLKOUT function can be connected to any digital pin through the
switch matrix.
Fig 10. Clock generation
aaa-045744
FRO
oscillator
FRO
controls
divide
by 2
60/48/36 MHz
(default = 48 MHz)
FROOSCCTRL[17]
FRO_DIRECT bit
SYSAHBCLKDIV
IOCONCLKDIV(i)
Main clock PLL select
MAINCLKPLLSEL
main_clk
pll_div_clk
(1)
(1)
(1) : synchronized multiplexer
Main clock select
MAINCLKSEL [1:0]
sys_pll0_clk
fro
external_clk
lp_osc
fro_div
0
fro
CLKIN pin
xtalin
Xtalout
fro_div
1
00
10
00
01
10
11
SYSPLLCLKSEL
EFLASHREFCLKDIV
divide
by 2
Ip_osc_clk
fro
1 MHz
LPOSC
main_clk
Divider
peripheral_clk
divider(i)
to CPU
main_clk
to FRGs
CLKOUT
to ADC
(async clock)
crystal
oscillator
System PLL
settings
to WDT
(and elsewhere as shown)
eFLASH Ref
Clock
Divider
to eFLASH
ref clock
to ADC
Async
clock driver
PLL0
(Main PLL)
ADCCLKSEL[1:0]
fro
pll_div_clk
“none”
00
01
11
ADCCLKDIV
ADC (Async)
(Clock Divider)
SYSPLLDIV
PLL
Divider
CLKOUTDIV
CLKOUT
Divider
pin filter(i)
(l = 0 to 6)
Enable & bypass
SYSOSCCTL0[1:0]
SYSAHBCLKCTRL
(one bit per destination)
to AHB, APB,
FlexTimers
External clock select
EXTCLKSEL[0]
1
external_clk
0
CLKOUTSEL
main_clk
pll_div_clk
external_clk
“none”
001
fro
000
010
011
111
fro
external_clk
lp_osc
fro_div
00
01
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com