công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC86X bảng dữ liệu(PDF) 45 Page - NXP Semiconductors

tên linh kiện LPC86X
Giải thích chi tiết về linh kiện  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X bảng dữ liệu(HTML) 45 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 41Page - NXP Semiconductors LPC86X Datasheet HTML 42Page - NXP Semiconductors LPC86X Datasheet HTML 43Page - NXP Semiconductors LPC86X Datasheet HTML 44Page - NXP Semiconductors LPC86X Datasheet HTML 45Page - NXP Semiconductors LPC86X Datasheet HTML 46Page - NXP Semiconductors LPC86X Datasheet HTML 47Page - NXP Semiconductors LPC86X Datasheet HTML 48Page - NXP Semiconductors LPC86X Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
45 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
11. Static characteristics
11.1 General operating conditions
[1]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C), nominal supply voltages.
[2]
Including bonding pad capacitance. Based on the simulation, not tested in production.
[3]
The VDD supply voltage must be 1.9 V or above when connecting an external crystal oscillator to the system oscillator. If the VDD supply
voltage is below 1.9 V, an external clock source can be fed to the XTALIN by bypassing the system oscillator or the other clock sources
mentioned above can be used.
Table 12.
General operating conditions
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fclk
clock frequency
internal CPU/system clock
-
-
60
MHz
VDD
supply voltage (core
and external rail)
[3] 1.8
-
3.6
V
For ADC operations
2.4
-
3.6
V
VDDA
analog supply voltage
For ADC operations
2.4
-
3.6
V
Vref
ADC positive reference
voltage
on pin VREFP
2.4
-
VDDA
V
Oscillator pins
Vi(xtal)
crystal input voltage
on pin XTALIN
0.5
1.8
1.95
V
Vo(xtal)
crystal output voltage
on pin XTALOUT
0.5
1.8
1.95
V
Pin capacitance
Cio
input/output
capacitance
pins with analog and digital
functions
[2] --
7.1
pF
I2C-bus pins
[2] -
-
2.5
pF
pins with digital functions only
[2] --
2.8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com