công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC86X bảng dữ liệu(PDF) 64 Page - NXP Semiconductors

tên linh kiện LPC86X
Giải thích chi tiết về linh kiện  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X bảng dữ liệu(HTML) 64 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 60Page - NXP Semiconductors LPC86X Datasheet HTML 61Page - NXP Semiconductors LPC86X Datasheet HTML 62Page - NXP Semiconductors LPC86X Datasheet HTML 63Page - NXP Semiconductors LPC86X Datasheet HTML 64Page - NXP Semiconductors LPC86X Datasheet HTML 65Page - NXP Semiconductors LPC86X Datasheet HTML 66Page - NXP Semiconductors LPC86X Datasheet HTML 67Page - NXP Semiconductors LPC86X Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
64 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
12.6 MIPI-I3C
Unless otherwise specified, MIPI-I3C specifications are timed to/from the VIH and/or VIL
signal points.
Fig 27. I2C-bus pins clock timing
aaa-004643
tf
70 %
30 %
SDA
tf
70 %
30 %
S
70 %
30 %
70 %
30 %
tHD;DAT
SCL
1 / fSCL
70 %
30 %
70 %
30 %
tVD;DAT
tHIGH
tLOW
tSU;DAT
Table 23.
MIPI-I3C specifications when communicating with legacy I2C devices[1]
Symbol
Parameter
400 kHz/Fast mode
1 MHz/Fast+ mode
Unit
Min
Max
Min
Max
fSCL
SCL clock frequency
0
0.4
0
1
MHz
tSU_STA
Set-up time for repeated START
condition
600
-
260
-
ns
Hold time
(repeated)
tHD;STA
600
-
260
-
ns
START
condition
tLOW
LOW period of the SCL clock
1300
-
500
-
ns
tHIGH
HIGH period of the SCL clock
600
-
260
-
ns
tSU_DAT
Data set-up time
100
-
50
-
ns
tHD_DAT
Data hold time for I2C-bus devices
-
-
-
-
ns
tF
Fall time of SDA and SCL signals
20*(Vdd/5.5v)
300
20*(Vdd/5.
5v)
120
ns
tR
Rise time of SDA and SCL signals
20
300
-
120
ns
tSU_STO
Set-up time for STOP condition
600
-
260
ns
tBUF
Bus free time between STOP and
START condition
1.3
-
0.5
-
s
tSP
Pulse width of spikes that must be
suppressed by
the input filter
050
0
50
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com