công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC86X bảng dữ liệu(PDF) 32 Page - NXP Semiconductors

tên linh kiện LPC86X
Giải thích chi tiết về linh kiện  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X bảng dữ liệu(HTML) 32 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 28Page - NXP Semiconductors LPC86X Datasheet HTML 29Page - NXP Semiconductors LPC86X Datasheet HTML 30Page - NXP Semiconductors LPC86X Datasheet HTML 31Page - NXP Semiconductors LPC86X Datasheet HTML 32Page - NXP Semiconductors LPC86X Datasheet HTML 33Page - NXP Semiconductors LPC86X Datasheet HTML 34Page - NXP Semiconductors LPC86X Datasheet HTML 35Page - NXP Semiconductors LPC86X Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
32 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
8.24.1.1 Free Running Oscillator (FRO)
The FRO oscillator provides the default clock at reset and provides a clean system clock
shortly after the supply pins reach operating voltage.
• This oscillator provides selectable 36 MHz, 48 MHz, and 60 MHz outputs that can be
used as a system clock. Also, these outputs can be divided down to 18 MHz, 24 MHz,
and 30 MHz for the system clock.
• The FRO is trimmed to ±1 % accuracy over the entire voltage and temperature range
of 0 °C to 70 °C.
• By default, the fro_oscout is 48 MHz and is divided by 2 to provide a default system
(CPU) clock frequency of 24 MHz.
8.24.1.2 Crystal Oscillator (SysOsc)
The crystal oscillator can be used as the clock source for the CPU, with or without using
the PLL.
The SysOsc operates at frequencies of 1 MHz to 25 MHz. This frequency can be boosted
to a higher frequency, up to the maximum CPU operating frequency, by the system PLL.
8.24.1.3 Low power Oscillator (LPOSC)
The nominal frequency of the LPOSC is programmable at 1 MHz. The frequency spread
over silicon process variations is
 3%.
The LPOSC is a dedicated oscillator for the windowed WWDT.
The internal low-power 10 kHz (
 40% accuracy) oscillator (ULPOSC) serves as the clock
input to the WKT. This oscillator can be configured to run in all low-power modes.
8.24.2 Clock input
An external clock source can be supplied on the selected CLKIN pin directly to the PLL
input. When selecting a clock signal for the CLKIN pin, follow the specifications for digital
I/O pins in Table 14 “Static characteristics, supply pins” and Table 20 “Dynamic
characteristics: I/O pins[1]”.
An 1.8 V external clock source can be supplied on the XTALIN pins to the system
oscillator limiting the voltage of this signal (see Section 14.2 “XTAL oscillator”).
The maximum frequency for both clock signals is 25 MHz.
8.24.3 System PLL
The PLL accepts an input clock frequency in the range of 10 MHz to 25 MHz. The input
frequency is multiplied up to a high frequency with a Current Controlled Oscillator (CCO).
The multiplier can be an integer value from 1 to 32. The CCO operates in the range of
156 MHz to 320 MHz, so there is an additional divider in the loop to keep the CCO within
its frequency range while the PLL is providing the desired output frequency. The output
divider may be set to divide by 2, 4, 8, or 16 to produce the output clock. Since the
minimum output divider value is 2, it is insured that the PLL output has a 50 % duty cycle.
The PLL is turned off and bypassed following a chip reset and may be enabled by
software. The program must configure and activate the PLL, wait for the PLL to lock, and
then connect to the PLL as a clock source. The PLL settling time is nominally 100
s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com