công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC86X bảng dữ liệu(PDF) 70 Page - NXP Semiconductors

tên linh kiện LPC86X
Giải thích chi tiết về linh kiện  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X bảng dữ liệu(HTML) 70 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 66Page - NXP Semiconductors LPC86X Datasheet HTML 67Page - NXP Semiconductors LPC86X Datasheet HTML 68Page - NXP Semiconductors LPC86X Datasheet HTML 69Page - NXP Semiconductors LPC86X Datasheet HTML 70Page - NXP Semiconductors LPC86X Datasheet HTML 71Page - NXP Semiconductors LPC86X Datasheet HTML 72Page - NXP Semiconductors LPC86X Datasheet HTML 73Page - NXP Semiconductors LPC86X Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
70 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
12.8 USART interface (in synchronous mode)
The actual USART bit rate depends on the delays introduced by the external trace, the
external device, the system clock (CCLK), and capacitive loading. Excluding delays
introduced by external device and PCB, the maximum supported bit rate for USART
asynchronous mode is 1.875 Mbit/s, the maximum supported bit rate for USART controller
synchronous mode is 10 Mbit/s, and the maximum supported bit rate for USART target
synchronous mode is 10 Mbit/s.
Remark: USART functions can be assigned to all digital pins. The characteristics are valid
for all digital pins except the open-drain pins PIO0_10 and PIO0_11.
Table 27.
USART synchronous mode dynamic characteristics
Tamb = 40 C to 105 C; 1.8 V <= VDD <= 3.6 V unless noted otherwise; CL = 10 pF; input slew =
10 ns. Simulated parameters sampled at the 30 %/70 % level of the falling or rising edge; values
guaranteed by design.
Symbol
Parameter
Conditions
Min
Max
Unit
USART controller (in synchronous mode)
tsu(D)
data input set-up time
3.0 V <= VDD <= 3.6 V
31
-
ns
1.8 V <= VDD < 3.0 V
42
th(D)
data input hold time
0
-
ns
tv(Q)
data output valid time
0
7
ns
USART target (in synchronous mode)
tsu(D)
data input set-up time
5
-
ns
th(D)
data input hold time
5
-
ns
tv(Q)
data output valid time
3.0 V <= VDD <= 3.6 V
0
35
ns
1.8 V <= VDD < 3.0 V
0
46
ns
Fig 30. USART synchronous mode timing
Un_SCLK (CLKPOL = 0)
TXD
RXD
Tcy(clk)
tsu(D) th(D)
tv(Q)
START
BIT0
tvQ)
Un_SCLK (CLKPOL = 1)
START
BIT0
BIT1
BIT1
aaa-015074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com