công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT25QL641 bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp

tên linh kiện AT25QL641
Giải thích chi tiết về linh kiện  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 15Page - Renesas Technology Corp AT25QL641 Datasheet HTML 16Page - Renesas Technology Corp AT25QL641 Datasheet HTML 17Page - Renesas Technology Corp AT25QL641 Datasheet HTML 18Page - Renesas Technology Corp AT25QL641 Datasheet HTML 19Page - Renesas Technology Corp AT25QL641 Datasheet HTML 20Page - Renesas Technology Corp AT25QL641 Datasheet HTML 21Page - Renesas Technology Corp AT25QL641 Datasheet HTML 22Page - Renesas Technology Corp AT25QL641 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 19
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.1
Command Tables
Table 8. Command Set Table 1 (SPI Commands) [1]
1.
Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis () indicate data being read from the device on the I/O pin.
Command Byte
01
2
345
Clock Number
0 - 7
8 - 15
16 - 23
24 - 31
32 - 39
40 - 47
Write Enable
06h
Write Enable
(for volatile Status registers)
50h
Write Disable
04h
Read Status Register 1
05h
SR7:SR0[2]
2.
SR = status register, The Status Register contents and Device ID repeats continuously until CS terminates the command.
Read Status Register 2
35h
SR15:SR8(2)
Write Status Register 1
01h
SR7:SR0
SR15:SR8
Write Status Register 2
31h
SR15:SR8
Read Data
03h
A23:A16
A15:A8
A7:A0
D7:D0
Fast Read Data
0Bh
A23:A16
A15:A8
A7:A0
Dummy
D7:D0
Page Program
02h
A23:A16
A15:A8
A7:A0
D7:D0[3]
3.
At least one byte of data input is required for Page Program, Quad Page Program and Program Security Register, up to 256 bytes of data input. If more
than 256 bytes of data are sent to the device, the addressing wraps to the beginning of the page and overwrites previously sent data.
Enable QPI
38h
Block Erase (4 kB)
20h
A23:A16
A15:A8
A7:A0
Block Erase (32 kB)
52h
A23:A16
A15:A8
A7:A0
Block Erase (64 kB)
D8h
A23:A16
A15:A8
A7:A0
Chip Erase
60h/7Ch
Erase/Program Suspend
75h
Erase/Program Resume
7Ah
Deep Power-Down
B9h
Release from Deep Power-
Down/Device ID
ABh
Dummy
Dummy
Dummy
D7:D0(2)
Read Manufacturer ID[4]
4.
See Table 7 for Device ID information.
90h
00h
00h
00h or 01h
MID7:MID0
DID7:DID0
Read JEDEC ID
9Fh
MID7:MID0
D7:D0
D7:D0
Reset Enable
66h
Reset
99h
Enter Secured OTP
B1h
Exit Secured OTP
C1h
Read Security Register
2Bh
SC7:SC0[5]
5.
SC = security register.
Write Security Register
2Fh
Read Serial Flash
Discovery Parameters
5Ah
A23:A16
A15:A8
A7:A0
Dummy
D7:D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com