công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT25QL641 bảng dữ liệu(PDF) 30 Page - Renesas Technology Corp

tên linh kiện AT25QL641
Giải thích chi tiết về linh kiện  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 bảng dữ liệu(HTML) 30 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 26Page - Renesas Technology Corp AT25QL641 Datasheet HTML 27Page - Renesas Technology Corp AT25QL641 Datasheet HTML 28Page - Renesas Technology Corp AT25QL641 Datasheet HTML 29Page - Renesas Technology Corp AT25QL641 Datasheet HTML 30Page - Renesas Technology Corp AT25QL641 Datasheet HTML 31Page - Renesas Technology Corp AT25QL641 Datasheet HTML 32Page - Renesas Technology Corp AT25QL641 Datasheet HTML 33Page - Renesas Technology Corp AT25QL641 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 30
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.11 Fast Read Dual Output (3Bh)
By using two pins (I/O0 and I/O1, instead of just I/O0), The Fast Read Dual Output command allows data to be
transferred from the AT25QL641 at twice the rate of standard SPI devices. The Fast Read Dual Output command
is ideal for quickly downloading code from Flash to RAM upon power-up or for application that cache code-
segments to RAM for execution.
The Fast Read Dual Output command can operate at the highest possible frequency of FR (see Table 26, AC
Electrical Characteristics). After the 24-bit address, this is accomplished by adding eight dummy clocks as shown
in Figure 18. The dummy clocks allow the internal circuits additional time for setting up the initial address. During
the dummy clocks, the data value on the SO pin is a don’t care. However, the I/O0 pin should be high-impedance
prior to the falling edge of the first data out clock.
Figure 18. Fast Read Dual Output Command (SPI Mode)
SCK
CS
SI
SO
1
0
234
6
579
810
28
23
22
21
3
2
1
0
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
High-Impedance
24-Bit Address
Command
3Bh
SCK
CS
SI
SO
High-Impedance
Dummy Clocks
Data Byte 1
Data Byte 2
75
3
1
64
2
0
75
3
1
64
2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com