| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT25QL641 bảng dữ liệu(PDF) 54 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
AT25QL641 bảng dữ liệu(HTML) 54 Page - Renesas Technology Corp |
|
54 / 80 page ![]() DS-AT25QL641-130 Rev. G Page 54 Sep 14, 2022 © 2022 Renesas Electronics AT25QL641 Datasheet 8.31 Word Read Quad I/O (E7h) The Quad I/O dramatically reduces command overhead allowing faster random access for code execution (XiP) directly from the Quad SPI. The Quad Enable bit (QE) of Status Register-2 must be set to enable the Word Read Quad I/O command. The lowest Address bit (A0) must equal 0 and only two dummy clocks are required prior to the data output. Continuous Read Mode The Word Read Quad I/O command can further reduce command overhead through setting the Continuous Read Mode bits (M7-0) after the input Address bits (A23-0), as shown in Figure 53. The upper nibble of the (M7-4) controls the length of the next Word Read Quad I/O command through the inclusion or exclusion of the first byte command code. The lower nibble bits of the (M[3:0]) are don't care (X). However, the I/O pins should be high-impedance prior to the falling edge of the first data out clock. If the continuous read mode bits M[7-4] = Ah, then the next Fast Read Quad I/O command (after CS is raised and then lowered) does not require the E7h command code, as shown in Figure 54. This reduces the command sequence by eight clocks and allows the Read address to be immediately entered after CS is asserted low. If the continuous read mode bits M[7:4] do not equal to Ah (1010), the next command (after CS is raised and then lowered) requires the first byte command code, thus returning to normal operation. Figure 53. Word Read Quad I/O Command (Initial command or previous set M7-0 ≠ Axh, SPI Mode) Figure 54. Word Read Quad I/O Command (Previous command set M7-0 = Axh, SPI Mode) IO IO IO IO SCK CS Command (E7h) 0 123 45 6 7 8 0 9 1 10 4 11 5 12 0 13 1 14 4 15 5 16 8 17 9 18 12 19 13 20 16 21 17 20 21 Mode 3 Mode 0 2 6 2 6 10 14 18 22 3 7 3 7 0 1 44 55 0 1 4 5 2 66 2 6 3 77 3 7 11 15 19 23 A23-16 A15-8 A7-0 M7-0 Dummy Byte 1 Byte 2 Byte 3 IO s switch from Input to Output IO IO IO IO SCK CS 0 123 45 6 7 8 0 9 1 10 4 11 5 12 0 13 1 4 5 8 9 12 13 16 17 20 21 Mode 3 Mode 0 2 6 2 6 10 14 18 22 3 7 3 7 0 1 44 55 0 1 4 5 2 66 2 6 3 77 3 7 11 15 19 23 A23-16 A15-8 A7-0 M7-0 Dummy Byte 1 Byte 2 Byte 3 IO s switch from Input to Output |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |