công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT25QL641 bảng dữ liệu(PDF) 56 Page - Renesas Technology Corp

tên linh kiện AT25QL641
Giải thích chi tiết về linh kiện  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 bảng dữ liệu(HTML) 56 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 52Page - Renesas Technology Corp AT25QL641 Datasheet HTML 53Page - Renesas Technology Corp AT25QL641 Datasheet HTML 54Page - Renesas Technology Corp AT25QL641 Datasheet HTML 55Page - Renesas Technology Corp AT25QL641 Datasheet HTML 56Page - Renesas Technology Corp AT25QL641 Datasheet HTML 57Page - Renesas Technology Corp AT25QL641 Datasheet HTML 58Page - Renesas Technology Corp AT25QL641 Datasheet HTML 59Page - Renesas Technology Corp AT25QL641 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 56
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.32 Set Burst with Wrap (77h)
The Set Burst with Wrap (77h) command is used in conjunction with Fast Read Quad I/O and Word Read
Quad I/O commands to access a fixed length of 8/16/32/64-byte section within a 256-byte page. Certain
applications can benefit from this feature and improve the overall system code execution performance. Before the
device can accept the Set Burst with Wrap command, the QE bit in the Status register bit must be set.
The Set Burst with Wrap command is initiated by driving the CS pin low and then shifting the command code
77h followed by 24 dummy bits and 8 Wrap Bits, W7-0. The command sequence is shown in Set Burst with Wrap
command sequence. Wrap bits W7 and W3-0 are not used.
Once W6-4 are set by a Set Burst with Wrap command, all the following Fast Read Quad I/O and Word Read
Quad I/O commands use the W6-4 setting to access the corresponding 8/16/32/64-byte section within any page.
To exit the Wrap Around function and return to normal read operation, another Set Burst with Wrap command
should be issued to set W4 = 1. The default value of W4 upon power on is 1. In the case of a system reset
while W4 = 0, it is recommended that the controller issues a Set Burst with Wrap command or Reset (99h)
command to reset W4 = 1 prior to any normal Read commands since the AT25QL641 does not have an external
hardware reset pin.
Figure 55. Set Burst with Wrap Command Sequence
Table 14. Encoding of the W6 - W4 Wrap Bits
W6, W5
W4 = 0
W4 = 1 (Default)
Wrap Around
Wrap Length
Wrap Around
Wrap Length
0 0
Yes
8-byte
No
N/A
0 1
Yes
16-byte
No
N/A
1 0
Yes
32-byte
No
N/A
1 1
Yes
64-byte
No
N/A
Byte 2
Byte 1
Command
Byte 3
Byte 4
XX
XX
XX
XX
XX
XX
XX
XX
XX
XX
XX
XX
W4
X
W5
X
W6
X
XX
MSB
1
0
2345
67
9
8
10111213
1415
77h
High-Impedance
High-Impedance
High-Impedance
High-Impedance
High-Impedance
High-Impedance
High-Impedance
SCK
CS
IO
IO
IO
IO
Mode 3
Mode 0
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com